Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM13G Datasheet(PDF) 13 Page - Silicon Touch Technology Inc.

Part # DM13G
Description  Maximum output voltage: 17V
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM13G Datasheet(HTML) 13 Page - Silicon Touch Technology Inc.

Back Button DM13G Datasheet HTML 9Page - Silicon Touch Technology Inc. DM13G Datasheet HTML 10Page - Silicon Touch Technology Inc. DM13G Datasheet HTML 11Page - Silicon Touch Technology Inc. DM13G Datasheet HTML 12Page - Silicon Touch Technology Inc. DM13G Datasheet HTML 13Page - Silicon Touch Technology Inc. DM13G Datasheet HTML 14Page - Silicon Touch Technology Inc. DM13G Datasheet HTML 15Page - Silicon Touch Technology Inc. DM13G Datasheet HTML 16Page - Silicon Touch Technology Inc. DM13G Datasheet HTML 17Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
16-bit Constant Current LED Driver with Error Detection
Version:A.002
Page 12
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM13G
Serial Data Interface
When MODE pin is set to low, the serial-in data (DAI) will be clocked into 16 bit shift
register synchronized on the rising edge of the clock (CLK). The data ‘1’ represents the
corresponding current output ‘ON’, while the data ‘0’ stands for ‘OFF’. The data will be
transferred into the 16 bit latch synchronized at the rising edge of the strobe signal (LAT);
otherwise, the data will be latched. The latch pulse should be sent after the falling edge of
the last clock within a frame data. The trigger timing of the serial-out data (DAO) will be
shifted out on synchronization to the rising edge of the clock. All outputs are turned off while
ENB is kept at high level. And they are active when ENB shift to low.
0
1
2
3
131415
CLK
DAI
DAO
previous data
01
2
LAT
ENB
IOUT0
IOUT1
on
off
on
off
on
off
on
off
on
off
on
off
on
off
high
low
high
low
high
low
high
low
high
low
Tsetup(L)
.
.
.
.
.
.
IOUT12
IOUT13
IOUT14
IOUT15
IOUT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com