Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM13G Datasheet(PDF) 21 Page - Silicon Touch Technology Inc.

Part # DM13G
Description  Maximum output voltage: 17V
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM13G Datasheet(HTML) 21 Page - Silicon Touch Technology Inc.

Back Button DM13G Datasheet HTML 17Page - Silicon Touch Technology Inc. DM13G Datasheet HTML 18Page - Silicon Touch Technology Inc. DM13G Datasheet HTML 19Page - Silicon Touch Technology Inc. DM13G Datasheet HTML 20Page - Silicon Touch Technology Inc. DM13G Datasheet HTML 21Page - Silicon Touch Technology Inc. DM13G Datasheet HTML 22Page - Silicon Touch Technology Inc. DM13G Datasheet HTML 23Page - Silicon Touch Technology Inc. DM13G Datasheet HTML 24Page - Silicon Touch Technology Inc. DM13G Datasheet HTML 25Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
16-bit Constant Current LED Driver with Error Detection
Version:A.002
Page 20
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM13G
MODE
CLK
LAT
Error Detection
Time
ENB
Error Report Time
. . .
ALARM
Reset to “H"
Thermal Error Report
Open/short or Output short Error Report
For actual application, the controller could connect all the ALARM pins with one
pull-high resistor to simplify circuit designs and feedback loops.
Thermal Alarm and Shutdown
During operation, when the junction temperature of the IC reaches about 130℃, the
ALARM pin will shift to low level and produce a warning signal (ENB=”H”). Suggested
cooling measures is to start the fan, lower the output currents and etc. If no cooling
measures were activated, the junction temperature might continue to rise. Once it reaches
approximately above 170℃, it will cause the driver to shutdown all the outputs. Basically,
the IC will cool down and return to the safe operating temperature which is approximately
below 130℃. The ALARM pin will reset to high level, disable the warning, and restart all the
outputs at the same time. Operation in the thermal situation for a long time may cause chip
damage permanently.
Normal
Alarm
Normal
Normal
Normal
Alarm
Alarm + Shutdowm
130 C
170 C
Ghost Image Elimination
DM13G provide a function of ghost image elimination. When users turn off the output
channel, the ghost image elimination circuit will pull up the output voltage to “VLED-0.7V”. It
can make sure the output channels are fully turned off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com