Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM13G Datasheet(PDF) 3 Page - Silicon Touch Technology Inc.

Part # DM13G
Description  Maximum output voltage: 17V
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM13G Datasheet(HTML) 3 Page - Silicon Touch Technology Inc.

  DM13G Datasheet HTML 1Page - Silicon Touch Technology Inc. DM13G Datasheet HTML 2Page - Silicon Touch Technology Inc. DM13G Datasheet HTML 3Page - Silicon Touch Technology Inc. DM13G Datasheet HTML 4Page - Silicon Touch Technology Inc. DM13G Datasheet HTML 5Page - Silicon Touch Technology Inc. DM13G Datasheet HTML 6Page - Silicon Touch Technology Inc. DM13G Datasheet HTML 7Page - Silicon Touch Technology Inc. DM13G Datasheet HTML 8Page - Silicon Touch Technology Inc. DM13G Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
16-bit Constant Current LED Driver with Error Detection
Version:A.002
Page 2
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM13G
Block Diagram
DAI
DCK
LAT
Voltage Reference
Temperature Control
16
16-channel Constant Current Driver
With 7-bit global brightness control
16
VCC
GND
DAO
16
16
ENB
Smart
Detection
Controller
REXT
16 bit Latch
Register
10/16 bit Shift Register
OUT0
OUT15
LED Open/Short Detector
&
Output short to GND Detector
10
7
3
Ghost Image
Elimination
VLED
MODE
MODE
ALARM
10 bit Latch
Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com