Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM13G Datasheet(PDF) 7 Page - Silicon Touch Technology Inc.

Part # DM13G
Description  Maximum output voltage: 17V
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM13G Datasheet(HTML) 7 Page - Silicon Touch Technology Inc.

Back Button DM13G Datasheet HTML 3Page - Silicon Touch Technology Inc. DM13G Datasheet HTML 4Page - Silicon Touch Technology Inc. DM13G Datasheet HTML 5Page - Silicon Touch Technology Inc. DM13G Datasheet HTML 6Page - Silicon Touch Technology Inc. DM13G Datasheet HTML 7Page - Silicon Touch Technology Inc. DM13G Datasheet HTML 8Page - Silicon Touch Technology Inc. DM13G Datasheet HTML 9Page - Silicon Touch Technology Inc. DM13G Datasheet HTML 10Page - Silicon Touch Technology Inc. DM13G Datasheet HTML 11Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
16-bit Constant Current LED Driver with Error Detection
Version:A.002
Page 6
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM13G
Maximum Ratings (Ta=25°C, Tj(max) = 150°C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Supply Voltage
VCC
-0.3 ~ 7.0
V
Input Voltage
VIN
-0.3 ~ VCC+0.3
V
Output Current
IOUT
90
mA
Output Voltage
VOUT
-0.3 ~ 17
V
Input Clock Frequency
FCKI
30
MHz
GND Terminal Current
IGND
1500
mA
1.56 ( SSOP28 : Ta=25
°C)
5.00 ( TSSOP28E : Ta=25
°C)
Power Dissipation
PD
3.46 ( QFN32 : Ta=25
°C)
W
80.0 (SSOP28 )
25.0 (TSSOP28E )
Thermal Resistance
1
Rth(j-a)
36.1 ( QFN32 )
°C/W
Operating Temperature
Top
-40 ~ 85
°C
Storage Temperature
Tstg
-55 ~ 150
°C
Recommended Operating Condition
CHARACTERISTIC
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
Supply Voltage
VCC
⎯
3.0
⎯
5.5
V
Output Voltage
VOUT
Driver On
2
⎯
⎯
2/3VCC
Output Voltage
VOUT
Driver Off
3
⎯
⎯
17
V
IO
OUTn
5
⎯
90
IOH
VOH = VCC – 0.2 V
⎯
⎯
+1.2
Output Current
IOL
VOL = 0.2 V
⎯
⎯
-1.4
mA
VIH
0.7VCC
⎯
VCC
Input Voltage
VIL
VCC = 3.3 V ~ 5V
0.0
⎯
0.3VCC
V
Input Clock Frequency
FCKI
Cascade Operation
⎯
⎯
30
MHz
LAT Pulse Width
tw LAT
⎯
15
⎯
CLK Pulse Width
tw CLK
⎯
13
⎯
ENB Pulse Width
tw ENB
50
⎯
⎯
Set-up Time for DAI
tsetup(D)
⎯
10
⎯
Hold Time for DAI
thold(D)
⎯
10
⎯
Set-up Time for LAT
tsetup(L)
⎯
10
⎯
Hold Time for LAT
thold(L)
⎯
10
⎯
Open/Short Detection Response
tdet
VCC = 5.0V
⎯
100
⎯
ns
1 Mounted on 4-layer board (No airflow).
2 Notice that if VOUT is higher than 2/3VCC, it will be called as LED short error.
3 The driver output voltage including any overshoot stress has to be compliant with the maximum voltage (17V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com