Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR2113SPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IR2113SPBF
Description  HIGH AND LOW SIDE DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2113SPBF Datasheet(HTML) 1 Page - International Rectifier

  IR2113SPBF Datasheet HTML 1Page - International Rectifier IR2113SPBF Datasheet HTML 2Page - International Rectifier IR2113SPBF Datasheet HTML 3Page - International Rectifier IR2113SPBF Datasheet HTML 4Page - International Rectifier IR2113SPBF Datasheet HTML 5Page - International Rectifier IR2113SPBF Datasheet HTML 6Page - International Rectifier IR2113SPBF Datasheet HTML 7Page - International Rectifier IR2113SPBF Datasheet HTML 8Page - International Rectifier IR2113SPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Features
• Floating channel designed for bootstrap operation
Fully operational to +500V or +600V
Tolerant to negative transient voltage
dV/dt immune
• Gate drive supply range from 10 to 20V
• Undervoltage lockout for both channels
• 3.3V logic compatible
Separate logic supply range from 3.3V to 20V
Logic and power ground ±5V offset
• CMOS Schmitt-triggered inputs with pull-down
• Cycle by cycle edge-triggered shutdown logic
• Matched propagation delay for both channels
• Outputs in phase with inputs
Data Sheet No. PD60147 rev.U
HIGH AND LOW SIDE DRIVER
Product Summary
VOFFSET (IR2110)
500V max.
(IR2113)
600V max.
IO+/-
2A / 2A
VOUT
10 - 20V
ton/off (typ.)
120 & 94 ns
Delay Matching (IR2110) 10 ns max.
(IR2113) 20ns max.
www.irf.com
1
Description
The IR2110/IR2113 are high voltage, high speed power MOSFET and
IGBT drivers with independent high and low side referenced output chan-
nels. Proprietary HVIC and latch immune CMOS technologies enable
ruggedized monolithic construction. Logic inputs are compatible with
standard CMOS or LSTTL output, down to 3.3V logic. The output
drivers feature a high pulse current buffer stage designed for minimum
driver cross-conduction. Propagation delays are matched to simplify use in high frequency applications. The
floating channel can be used to drive an N-channel power MOSFET or IGBT in the high side configuration which
operates up to 500 or 600 volts.
IR2110(-1-2)(S)PbF/IR2113(-1-2)(S)PbF
HIN
up to 500V or 600V
TO
LOAD
V
DD
V
B
V
S
HO
LO
COM
HIN
LIN
V
SS
SD
V
CC
LIN
V
DD
SD
V
SS
V
CC
(Refer to Lead Assignments for correct pin configuration). This/These diagram(s) show electrical
connections only. Please refer to our Application Notes and DesignTips for proper circuit board layout.
Typical Connection
Packages
14-Lead PDIP
IR2110/IR2113
16-Lead SOIC
IR2110S/IR2113S


Similar Part No. - IR2113SPBF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IR2113S INFINEON-IR2113S Datasheet
491Kb / 17P
HIGH AND LOW SIDE DRIVER
Data Sheet No. PD60147 rev.V
logo
International Rectifier
IR2113STR IRF-IR2113STR Datasheet
334Kb / 18P
HIGH AND LOW SIDE DRIVER
logo
Infineon Technologies A...
IR2113STRPBF INFINEON-IR2113STRPBF Datasheet
333Kb / 18P
HIGH AND LOW SIDE DRIVER
rev.U
More results

Similar Description - IR2113SPBF

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPIC2113 MOTOROLA-MPIC2113 Datasheet
171Kb / 6P
HIGH AND LOW SIDE DRIVER
logo
International Rectifier
IRS2011PBF IRF-IRS2011PBF Datasheet
338Kb / 19P
HIGH AND LOW SIDE DRIVER
IRS2106 IRF-IRS2106_15 Datasheet
1Mb / 25P
HIGH AND LOW SIDE DRIVER
IRS2181 IRF-IRS2181_15 Datasheet
1Mb / 23P
HIGH AND LOW SIDE DRIVER
IRS2607DSPBF IRF-IRS2607DSPBF_15 Datasheet
833Kb / 28P
HIGH AND LOW SIDE DRIVER
logo
Anpec Electronics Corop...
APX7387 ANPEC-APX7387 Datasheet
175Kb / 17P
High Side and Low Side Driver
logo
Infineon Technologies A...
IR2101 INFINEON-IR2101 Datasheet
148Kb / 14P
HIGH AND LOW SIDE DRIVER
IRS2005PBF INFINEON-IRS2005PBF Datasheet
1Mb / 19P
High and Low Side Driver
April 23, 2020
IRS2101PBF INFINEON-IRS2101PBF Datasheet
1Mb / 15P
HIGH AND LOW SIDE DRIVER
Data Sheet No. PD60250
logo
Shenzhen Huazhimei Semi...
HM2101 HMSEMI-HM2101 Datasheet
385Kb / 5P
High and Low Side Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com