Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR2113SPBF Datasheet(PDF) 13 Page - International Rectifier

Part # IR2113SPBF
Description  HIGH AND LOW SIDE DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2113SPBF Datasheet(HTML) 13 Page - International Rectifier

Back Button IR2113SPBF Datasheet HTML 9Page - International Rectifier IR2113SPBF Datasheet HTML 10Page - International Rectifier IR2113SPBF Datasheet HTML 11Page - International Rectifier IR2113SPBF Datasheet HTML 12Page - International Rectifier IR2113SPBF Datasheet HTML 13Page - International Rectifier IR2113SPBF Datasheet HTML 14Page - International Rectifier IR2113SPBF Datasheet HTML 15Page - International Rectifier IR2113SPBF Datasheet HTML 16Page - International Rectifier IR2113SPBF Datasheet HTML 17Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
www.irf.com
13
IR2110(-1-2)(S)PbF/IR2113(-1-2)(S)PbF
Figure 26B. Output Source Current vs. Voltage
0.00
1.00
2.00
3.00
4.00
5.00
10
12
14
16
18
20
VBIAS Supply Voltage (V)
Min.
Typ.
Figure 27A. Output Sink Current vs. Temperature
0.00
1.00
2.00
3.00
4.00
5.00
-50
-25
0
25
50
75
100
125
Temperature (°C)
Min.
Typ.
Figure 27B. Output Sink Current vs. Voltage
0.00
1.00
2.00
3.00
4.00
5.00
10
12
14
16
18
20
VBIAS Supply Voltage (V)
Min.
Typ.
Figure 28. IR2110/IR2113 TJ vs. Frequency
(IRFBC20) RGATE = 33
Ω
Ω
Ω
Ω
Ω, VCC = 15V
0
25
50
75
100
125
150
1E+2
1E+3
1E+4
1E+5
1E+6
Frequency (Hz)
320V
140V
10V
Figure 25. VCC Undervoltage (-) vs. Temperature
6.0
7.0
8.0
9.0
10.0
11.0
-50
-25
0
25
50
75
100
125
Temperature (°C)
Max.
Typ.
Min.
Figure 26A. Output Source Current vs. Temperature
0.00
1.00
2.00
3.00
4.00
5.00
-50
-25
0
25
50
75
100
125
Temperature (°C)
Min.
Typ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com