Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR2113SPBF Datasheet(PDF) 12 Page - International Rectifier

Part # IR2113SPBF
Description  HIGH AND LOW SIDE DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2113SPBF Datasheet(HTML) 12 Page - International Rectifier

Back Button IR2113SPBF Datasheet HTML 8Page - International Rectifier IR2113SPBF Datasheet HTML 9Page - International Rectifier IR2113SPBF Datasheet HTML 10Page - International Rectifier IR2113SPBF Datasheet HTML 11Page - International Rectifier IR2113SPBF Datasheet HTML 12Page - International Rectifier IR2113SPBF Datasheet HTML 13Page - International Rectifier IR2113SPBF Datasheet HTML 14Page - International Rectifier IR2113SPBF Datasheet HTML 15Page - International Rectifier IR2113SPBF Datasheet HTML 16Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
12
www.irf.com
IR2110(-1-2)(S)PbF/IR2113(-1-2)(S)PbF
Figure 21A. Logic “0” Input Current vs. Temperature
Figure 21B. Logic “0” Input Current vs. VDD Voltage
Figure 20B. Logic “1” Input Current vs. VDD Voltage
0.00
1.00
2.00
3.00
4.00
5.00
-50
-25
0
25
50
75
100
125
Temperature (°C)
Max.
6.0
7.0
8.0
9.0
10.0
11.0
-50
-25
0
25
50
75
100
125
Temperature (°C)
Max.
Typ.
Min.
Figure 22. VBS Undervoltage (+) vs. Temperature
Figure 23. VBS Undervoltage (-) vs. Temperature
6.0
7.0
8.0
9.0
10.0
11.0
-50
-25
0
25
50
75
100
125
Temperature (°C)
Max.
Typ.
Min.
6.0
7.0
8.0
9.0
10.0
11.0
-50
-25
0
25
50
75
100
125
Temperature (°C)
Max.
Typ.
Min.
Figure 24. VCC Undervoltage (+) vs. Temperature
VDD Logic Supply Voltage (V)
0
10
20
30
40
50
60
02468
10 12 14 16 18 20
VDD Logic Supply Voltage (V)
0
1
2
3
4
5
02
46
8
10 12 14 16 18 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com