Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR2113SPBF Datasheet(PDF) 14 Page - International Rectifier

Part # IR2113SPBF
Description  HIGH AND LOW SIDE DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2113SPBF Datasheet(HTML) 14 Page - International Rectifier

Back Button IR2113SPBF Datasheet HTML 10Page - International Rectifier IR2113SPBF Datasheet HTML 11Page - International Rectifier IR2113SPBF Datasheet HTML 12Page - International Rectifier IR2113SPBF Datasheet HTML 13Page - International Rectifier IR2113SPBF Datasheet HTML 14Page - International Rectifier IR2113SPBF Datasheet HTML 15Page - International Rectifier IR2113SPBF Datasheet HTML 16Page - International Rectifier IR2113SPBF Datasheet HTML 17Page - International Rectifier IR2113SPBF Datasheet HTML 18Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
14
www.irf.com
IR2110(-1-2)(S)PbF/IR2113(-1-2)(S)PbF
Figure 29. IR2110/IT2113 TJ vs. Frequency
(IRFBC30) RGATE = 22
Ω
Ω
Ω
Ω
Ω, VCC = 15V
0
25
50
75
100
125
150
1E+2
1E+3
1E+4
1E+5
1E+6
Frequency (Hz)
320V
140V
10V
Figure 30. IR2110/IR2113 TJ vs. Frequency
(IRFBC40) RGATE = 15
Ω
Ω
Ω
Ω
Ω, VCC = 15V
0
25
50
75
100
125
150
1E+2
1E+3
1E+4
1E+5
1E+6
Frequency (Hz)
320V
140V
10V
Figure 31. IR2110/IR2113 TJ vs. Frequency
(IRFPE50) RGATE = 10
Ω
Ω
Ω
Ω
Ω, VCC = 15V
0
25
50
75
100
125
150
1E+2
1E+3
1E+4
1E+5
1E+6
Frequency (Hz)
320V
140V
10V
Figure 32. IR2110S/IR2113S TJ vs. Frequency
(IRFBC20) RGATE = 33
Ω
Ω
Ω
Ω
Ω, VCC = 15V
0
25
50
75
100
125
150
1E+2
1E+3
1E+4
1E+5
1E+6
Frequency (Hz)
320V
140V
10V
Figure 33. IR2110S/IR2113S TJ vs. Frequency
(IRFBC30) RGATE = 22
Ω
Ω
Ω
Ω
Ω, VCC = 15V
0
25
50
75
100
125
150
1E+2
1E+3
1E+4
1E+5
1E+6
Frequency (Hz)
320V
140V
10V
Figure 34. IR2110S/IR2113S TJ vs. Frequency
(IRFBC40) RGATE = 15
Ω
Ω
Ω
Ω
Ω, VCC = 15V
0
25
50
75
100
125
150
1E+2
1E+3
1E+4
1E+5
1E+6
Frequency (Hz)
320V 140V
10V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com