Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC875 Datasheet(PDF) 46 Page - Freescale Semiconductor, Inc

Part # MPC875
Description  Hardware Specifications
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC875 Datasheet(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button MPC875 Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 84 page
background image
MPC875/MPC870 Hardware Specifications, Rev. 3.0
46
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Freescale Semiconductor
CPM Electrical Characteristics
Figure 39. Boundary Scan (JTAG) Timing Diagram
13 CPM Electrical Characteristics
This section provides the AC and DC electrical specifications for the communications processor module (CPM) of
the MPC875/870.
13.1 Port C Interrupt AC Electrical Specifications
Table 17 provides the timings for port C interrupts.
Figure 40 shows the port C interrupt detection timing.
Figure 40. Port C Interrupt Detection Timing
Table 17. Port C Interrupt Timing
Num
Characteristic
33.34 MHz
Unit
Min
Max
35
Port C interrupt pulse width low (edge-triggered mode)
55
ns
36
Port C interrupt minimum time between active edges
55
ns
TCK
Output
Signals
Output
Signals
Output
Signals
J92
J94
J93
J95
J96
Port C
35
36
(Input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com