Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC875 Datasheet(PDF) 47 Page - Freescale Semiconductor, Inc

Part # MPC875
Description  Hardware Specifications
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC875 Datasheet(HTML) 47 Page - Freescale Semiconductor, Inc

Back Button MPC875 Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 51Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 84 page
background image
MPC875/MPC870 Hardware Specifications, Rev. 3.0
47
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Freescale Semiconductor
CPM Electrical Characteristics
13.2 IDMA Controller AC Electrical Specifications
Table 18 provides the IDMA controller timings as shown in Figure 41 to Figure 44.
Figure 41. IDMA External Requests Timing Diagram
Table 18. IDMA Controller Timing
Num
Characteristic
All
Frequencies
Unit
Min
Max
40
DREQ setup time to clock high
7
ns
41
DREQ hold time from clock high 1
1 Applies to high-to-low mode (EDM=1)
TBD
ns
42
SDACK assertion delay from clock high
12
ns
43
SDACK negation delay from clock low
12
ns
44
SDACK negation delay from TA low
20
ns
45
SDACK negation delay from clock high
15
ns
46
TA assertion to falling edge of the clock setup time (applies to external TA)7
ns
41
40
DREQ
(Input)
CLKO
(Output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com