Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC875 Datasheet(PDF) 61 Page - Freescale Semiconductor, Inc

Part # MPC875
Description  Hardware Specifications
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC875 Datasheet(HTML) 61 Page - Freescale Semiconductor, Inc

Back Button MPC875 Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC875 Datasheet HTML 65Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 84 page
background image
MPC875/MPC870 Hardware Specifications, Rev. 3.0
61
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Freescale Semiconductor
CPM Electrical Characteristics
Figure 57. Ethernet Transmit Timing Diagram
13.8 SMC Transparent AC Electrical Specifications
Table 25 provides the SMC transparent timings as shown in Figure 58.
Table 25. SMC Transparent Timing
Num
Characteristic
All
Frequencies
Unit
Min
Max
150
SMCLK clock period 1
1 SyncCLK must be at least twice as fast as SMCLK.
100
ns
151
SMCLK width low
50
ns
151A
SMCLK width high
50
ns
152
SMCLK rise/fall time
15
ns
153
SMTXD active delay (from SMCLK falling edge)
10
50
ns
154
SMRXD/SMSYNC setup time
20
ns
155
RXD1/SMSYNC hold time
5
ns
TCLK3
128
TxD3
(Output)
128
TENA(RTS3)
(Input)
NOTES:
Transmit clock invert (TCI) bit in GSMR is set.
If RENA is negated before TENA or RENA is not asserted at all during transmit, then the
CSL bit is set in the buffer descriptor at the end of the frame transmission.
1.
2.
RENA(CD3)
(Input)
133
134
132
131
121
129
(NOTE 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com