Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCM4354 Datasheet(PDF) 79 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 79 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 75Page - Cypress Semiconductor BCM4354 Datasheet HTML 76Page - Cypress Semiconductor BCM4354 Datasheet HTML 77Page - Cypress Semiconductor BCM4354 Datasheet HTML 78Page - Cypress Semiconductor BCM4354 Datasheet HTML 79Page - Cypress Semiconductor BCM4354 Datasheet HTML 80Page - Cypress Semiconductor BCM4354 Datasheet HTML 81Page - Cypress Semiconductor BCM4354 Datasheet HTML 82Page - Cypress Semiconductor BCM4354 Datasheet HTML 83Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 192 page
background image
IEEE 802.11ac Draft MAC
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 78
The backoff engines (for each access category) monitor channel activity, in each slot duration, to determine
whether to continue or pause the backoff counters. When the backoff counters reach 0, the TXE gets notified,
so that it may commence frame transmission. In the event of multiple backoff counters decrementing to 0 at the
same time, the hardware resolves the conflict based on policies provided by the PSM.
The IFS module also incorporates hardware that allows the MAC to enter a low-power state when operating
under the IEEE power save mode. In this mode, the MAC is in a suspended state with its clock turned off. A
sleep timer, whose count value is initialized by the PSM, runs on a slow clock and determines the duration over
which the MAC remains in this suspended state. Once the timer expires the MAC is restored to its functional
state. The PSM updates the TSF timer based on the sleep duration ensuring that the TSF is synchronized to
the network.
The IFS module also contains the PTA hardware that assists the PSM in Bluetooth coexistence functions.
TSF
The timing synchronization function (TSF) module maintains the TSF timer of the MAC. It also maintains the
target beacon transmission time (TBTT). The TSF timer hardware, under the control of the PSM, is capable of
adopting timestamps received from beacon and probe response frames in order to maintain synchronization
with the network.
The TSF module also generates trigger signals for events that are specified as offsets from the TSF timer, such
as uplink and downlink transmission times used in PSMP.
NAV
The network allocation vector (NAV) timer module is responsible for maintaining the NAV information conveyed
through the duration field of MAC frames. This ensures that the MAC complies with the protection mechanisms
specified in the standard.
The hardware, under the control of the PSM, maintains the NAV timer and updates the timer appropriately based
on received frames. This timing information is provided to the IFS module, which uses it as a virtual carrier-
sense indication.
MAC-PHY Interface
The MAC-PHY interface consists of a data path interface to exchange RX/TX data from/to the PHY. In addition,
there is an programming interface, which can be controlled either by the host or the PSM to configure and control
the PHY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com