Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCM4354 Datasheet(PDF) 179 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 179 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 175Page - Cypress Semiconductor BCM4354 Datasheet HTML 176Page - Cypress Semiconductor BCM4354 Datasheet HTML 177Page - Cypress Semiconductor BCM4354 Datasheet HTML 178Page - Cypress Semiconductor BCM4354 Datasheet HTML 179Page - Cypress Semiconductor BCM4354 Datasheet HTML 180Page - Cypress Semiconductor BCM4354 Datasheet HTML 181Page - Cypress Semiconductor BCM4354 Datasheet HTML 182Page - Cypress Semiconductor BCM4354 Datasheet HTML 183Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 192 page
background image
PCI Express Interface Parameters
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 178
RX detection voltage
swing
VTX-RCV-DETECT The amount of voltage
change allowed during
receiver detection.
––
600
mV
TX AC peak common-
mode voltage
(5 GT/s)
VTX-CM-AC-PP
TX AC common mode
voltage (5 GT/s)
––
100
mV
TX AC peak common-
mode voltage
(2.5 GT/s)
VTX-CM-AC-P
TX AC common mode
voltage (2.5 GT/s)
––
20
mV
Absolute delta of DC
common-model
voltage during L0 and
electrical idle
VTX-CM-DC-
ACTIVE-IDLE-
DELTA
Absolute delta of DC
common-model voltage
during L0 and electrical
idle.
0–
100
mV
Absolute delta of DC
common-model
voltage between D+
and D-
VTX-CM-DC-LINE-
DELTA
DC offset between D+
and D-
0–
25
mV
Electrical idle
differential peak output
voltage
VTX-IDLE-DIFF-AC-
p
Peak-to-peak voltage
0
–
20
mV
TX short circuit
current
ITX-SHORT
Current limit when TX
output is shorted to
ground.
––
90
mA
DC differential TX
termination
ZTX-DIFF-DC
Low impedance defined
during signaling
(parameter is captured
for 5.0 GHz by RLTX-
DIFF)
80
–
120
Ω
Differential
return loss
RLTX-DIFF
Differential
return loss
10 (min.)
for 0.05:
1.25 GHz
––
dB
Common-mode
return loss
RLTX-CM
Common-mode return
loss
6–
–
dB
TX eye width
TTX-EYE
Minimum TX
eye width
0.75
–
–
UI
Table 60: PCI Express Interface Parameters (Cont.)
Parameter
Symbol
Comments
Minimum
Typical Maximum Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com