Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5292IPFPR Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5292IPFPR
Description  Octal Channel 12-Bit, 80 MSPS and Low-Power ADC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5292IPFPR Datasheet(HTML) 33 Page - Texas Instruments

Back Button ADS5292IPFPR Datasheet HTML 29Page - Texas Instruments ADS5292IPFPR Datasheet HTML 30Page - Texas Instruments ADS5292IPFPR Datasheet HTML 31Page - Texas Instruments ADS5292IPFPR Datasheet HTML 32Page - Texas Instruments ADS5292IPFPR Datasheet HTML 33Page - Texas Instruments ADS5292IPFPR Datasheet HTML 34Page - Texas Instruments ADS5292IPFPR Datasheet HTML 35Page - Texas Instruments ADS5292IPFPR Datasheet HTML 36Page - Texas Instruments ADS5292IPFPR Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 67 page
background image
ADS5292
www.ti.com
SLAS788B – NOVEMBER 2011 – REVISED JULY 2012
Table 3. Summary of Functions Supported by Serial Interface (1)(2)(3)(4) (continued)
ADDR.
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
NAME
DESCRIPTION
(HEX)
Drive external reference mode through:
D15=D3=1: the VCM pin;
X
X
EXT_REF_VCM
D15=D3=0: REFT/REFB pins.
42
Note: 0xF[15] should be set as '1' to enable the external reference
mode
X
X
PHASE_DDR<1:0>
Controls phase of LCLK output relative to data
1: Enable deskew pattern mode;
0
X
PAT_DESKEW
0: Inactive
45
1: Enable sync pattern mode;
X
0
PAT_SYNC
0: Inactive
1: 2 wire LVDS output;
1
X
EN_2WIRE
0: 1 wire LVDS output
1: 2's complement; (ADC data output format)
1
X
BTC_MODE
0: Binary Offset (ADC data output format)
1: MSB First;
1
X
MSB_FIRST
0: LSB First
1:SDR Bit Clock;
1
X
EN_SDR
0: DDR Bit Clock
1: Enable 12 bit serialization mode;
1
0
0
X
EN_12BIT
46
0: Inactive
1: Enable 14 bit serialization mode;
1
0
X
0
EN_14BIT
0: Inactive
1: Enable 16 bit serialization mode;
0: Inactive
1
X
0
0
EN_16BIT
Note: 16 bit can be used when average mode or decimation mode is
enabled for better SNR.
1: Controls LCLK rising or falling edge comes in the middle of data
1
X
FALL_SDR
window when operating in SDR output mode; 0: At the edge of data
window.
50
1
X
X
X
X
MAP_Ch1234_to_OUT1A
OUT1A Pin pair to channel data mapping selection
1
X
X
X
X
MAP_Ch1234_to_OUT1B
OUT1B Pin pair to channel data mapping selection
1
X
X
X
X
MAP_Ch1234_to_OUT2A
OUT2A Pin pair to channel data mapping selection
51
1
X
X
X
X
MAP_Ch1234_to_OUT2B
OUT2B Pin pair to channel data mapping selection
1
X
X
X
X
MAP_Ch1234_to_OUT3A
OUT3A Pin pair to channel data mapping selection
1
X
X
X
X
MAP_Ch1234_to_OUT3B
OUT3B Pin pair to channel data mapping selection
1
X
X
X
X
MAP_Ch1234_to_OUT4A
OUT4A Pin pair to channel data mapping selection
52
1
X
X
X
X
MAP_Ch1234_to_OUT4B
OUT4B Pin pair to channel data mapping selection
1
X
X
X
X
MAP_Ch5678_to_OUT5B
OUT5B Pin pair to channel data mapping selection
53
1
X
X
X
X
MAP_Ch5678_to_OUT5A
OUT5A Pin pair to channel data mapping selection
1
X
X
X
X
MAP_Ch5678_to_OUT6B
OUT6B Pin pair to channel data mapping selection
1
X
X
X
X
MAP_Ch5678_to_OUT6A
OUT6A Pin pair to channel data mapping selection
54
1
X
X
X
X
MAP_Ch5678_to_OUT7B
OUT7B Pin pair to channel data mapping selection
1
X
X
X
X
MAP_Ch5678_to_OUT7A
OUT7A Pin pair to channel data mapping selection
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Link(s) :ADS5292



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com