Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5292IPFPR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5292IPFPR
Description  Octal Channel 12-Bit, 80 MSPS and Low-Power ADC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5292IPFPR Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS5292IPFPR Datasheet HTML 6Page - Texas Instruments ADS5292IPFPR Datasheet HTML 7Page - Texas Instruments ADS5292IPFPR Datasheet HTML 8Page - Texas Instruments ADS5292IPFPR Datasheet HTML 9Page - Texas Instruments ADS5292IPFPR Datasheet HTML 10Page - Texas Instruments ADS5292IPFPR Datasheet HTML 11Page - Texas Instruments ADS5292IPFPR Datasheet HTML 12Page - Texas Instruments ADS5292IPFPR Datasheet HTML 13Page - Texas Instruments ADS5292IPFPR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 67 page
background image
ADS5292
SLAS788B – NOVEMBER 2011 – REVISED JULY 2012
www.ti.com
TIMING REQUIREMENTS
(1) (2) (3)
Typical values are at 25°C, AVDD = 1.8 V, LVDD = 1.8 V, sampling frequency = 80 MSPS, 12-bit, sine-wave input clock =
1.5-Vpp clock amplitude, CLOAD = 5 pF, RLOAD = 100 Ω, unless otherwise noted. MIN and MAX values are across the full
temperature range TMIN = –40°C to TMAX = 85°C, AVDD = 1.8 V, LVDD = 1.7 V to 1.9 V.
PARAMETERS
CONDITIONS
MIN
TYP
MAX
UNITS
The delay in time between the rising edge of the input
ta
Aperture delay
sampling clock and the actual time at which the sampling
4
ns
occurs
Aperture delay variation
Across channels within the same device
±175
ps
Across devices at same temperature and LVDD supply
2.5
ns
voltage
tj
Aperture jitter RMS
320
fs rms
td
Data latency
1-wire LVDS output interface
11
Clock cycles
2-wire LVDS output interface
15
Clock cycles
tSU
Data setup time
80 MSPS, 2 wire LVDS, 6x serialization
0.25
0.63
ns
tH
Data hold time
80 MSPS, 2 wire LVDS, 6x serialization
0.65
1
ns
Input clock rising edge(zero cross) to frame clock rising
See Table 1 and
Clock propagation delay
ns
edge(zero cross)
Table 2
tPROG
Variation of tPROG
Between two devices under the same conditions
±0.75
ns
LVDS bit clock duty cycle
50%
Bit clock cycle-to-cycle jitter
40
ps rms
Frame clock cycle-to-cycle
70
ps rms
jitter
tRISE
Data rise time
Rise time is from -100mV to +100mV
0.2
ns
tFALL
Data fall time
Fall time is from +100mV to -100mV
0.2
ns
tCLKRISE
Output clock rise time
Rise time is from -100mV to +100mV
0.18
ns
tCLKFALL
Output clock fall time
Fall time is from +100mV to -100mV
0.16
ns
Time to valid data after coming out of COMPLETE
tWAKE
Wake-up Time
100
µs
POWER-DOWN mode
Time to valid data after coming out of PARTIAL POWER-
DOWN mode (with clock continuing to run during power-
5
µs
down)
(1)
Timing parameters are ensured by design and characterization and not tested in production.
(2)
Measurements are done with a transmission line of 100-
Ω characteristic impedance between the device and the load. Setup and hold
time specifications take into account the effect of jitter on the output data and clock.
(3)
Data valid refers to logic HIGH of 100 mV and logic LOW of –100 mV.
10
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s) :ADS5292



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com