Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5292IPFPR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5292IPFPR
Description  Octal Channel 12-Bit, 80 MSPS and Low-Power ADC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5292IPFPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS5292IPFPR Datasheet HTML 3Page - Texas Instruments ADS5292IPFPR Datasheet HTML 4Page - Texas Instruments ADS5292IPFPR Datasheet HTML 5Page - Texas Instruments ADS5292IPFPR Datasheet HTML 6Page - Texas Instruments ADS5292IPFPR Datasheet HTML 7Page - Texas Instruments ADS5292IPFPR Datasheet HTML 8Page - Texas Instruments ADS5292IPFPR Datasheet HTML 9Page - Texas Instruments ADS5292IPFPR Datasheet HTML 10Page - Texas Instruments ADS5292IPFPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 67 page
background image
ADS5292
www.ti.com
SLAS788B – NOVEMBER 2011 – REVISED JULY 2012
ELECTRICAL CHARACTERISTICS DYNAMIC PERFORMANCE
Typical values are at 25°C, AVDD = 1.8V, LVDD = 1.8V, 50% clock duty cycle, –1dBFS differential analog input, 12Bit/80
MSPS, ADC is configured in internal reference mode (unless otherwise noted). MIN and MAX values are across the full
temperature range TMIN = –40°C to TMAX = 85°C, AVDD = 1.8 V, LVDD = 1.8 V.
PARAMETERS
CONDITIONS
MIN
TYP
MAX
UNITS
AC PERFORMANCE
fin = 5 MHz, 80 MSPS. 14 bits mode
72
fin = 5 MHz, 80 MSPS
67.5
70
SNR
Signal-to-noise ratio
dBFS
fin = 30 MHz, 80 MSPS
69.8
fin = 5 MHz, 80 MSPS, Decimation filter=2
71.5
fin = 5 MHz, 80 MSPS
69.8
Signal-to-noise and distortion
SINAD
dBFS
ratio
fin = 30 MHz, 80 MSPS
69.3
ENOB
Effective number of bits
fin = 5 MHz
11.3
LSB
DNL
Differential nonlinearity
fin = 5 MHz
–0.8
±0.05
0.8
LSB
INL
Integral nonlinearity
fin = 5 MHz
0.4
1
LSB
fin = 5 MHz
72.5
85
SFDR
Spurious-free dynamic range
dBc
fin = 30 MHz
80
fin = 5 MHz
71
81.5
THD
Total harmonic distortion
dBc
fin = 30 MHz
78
fin = 5 MHz
72.5
88
HD2
Second-harmonic distortion
dBc
fin = 30 MHz
80
fin = 5 MHz
72.5
85
HD3
Third-harmonic distortion
dBc
fin = 30 MHz
78.5
fin = 5 MHz
91
Worst spur excluding HD2, HD3
fin = 30 MHz
83
dBc
fin = 65 MHz
76
IMD3
Intermodualtion distortion
fin = 5 MHz at –7 dBFS, f2 = 10 MHz at –7 dBFS
82
dBc
Recovery to within 1% of full scale value for 6-dB overload with sine wave
Clock
Overload recovery
1
input
Cycle
fin = 10 MHz; VOUT = –1 dBFS signal applied on
far channel
90
XTALK
Cross-talk
aggressor channel no signal applied on victim
dB
near channel
85
channel
Phase noise
5 MHz, 1 kHz off carrier
–138
dBc/Hz
ANALOG INPUT/OUTPUT
Differential input voltage range
2
Vpp
(0-dB gain)
Rin
Differential Input Resistance
At DC
2
k
Ω
Cin
Differential Input Capacitance
At DC
2.2
pF
Analog input bandwidth
With a 50
Ω source impedance
550
MHz
Analog input common-mode
µA/MSP
1.6
current (per input pin)
S
VCM common-mode output
0.95
V
voltage
VCM output current capability
5
mA
DC ACCURACY
Offset error
Across devices and across channels within a device
–20
20
mV
Temperature coefficient of offset
<0.01
mV/°C
error
Gain error due to internal
EGREF
–2
2
%FS
reference inaccuracy alone
EGCHAN
Gain error of channel alone
0.5
%FS
Temperature coefficent of
<0.01
%FS/°C
EGCHAN
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s) :ADS5292



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com