Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5292IPFPR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5292IPFPR
Description  Octal Channel 12-Bit, 80 MSPS and Low-Power ADC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5292IPFPR Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS5292IPFPR Datasheet HTML 4Page - Texas Instruments ADS5292IPFPR Datasheet HTML 5Page - Texas Instruments ADS5292IPFPR Datasheet HTML 6Page - Texas Instruments ADS5292IPFPR Datasheet HTML 7Page - Texas Instruments ADS5292IPFPR Datasheet HTML 8Page - Texas Instruments ADS5292IPFPR Datasheet HTML 9Page - Texas Instruments ADS5292IPFPR Datasheet HTML 10Page - Texas Instruments ADS5292IPFPR Datasheet HTML 11Page - Texas Instruments ADS5292IPFPR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 67 page
background image
ADS5292
SLAS788B – NOVEMBER 2011 – REVISED JULY 2012
www.ti.com
ELECTRICAL CHARACTERISTICS DYNAMIC PERFORMANCE (continued)
Typical values are at 25°C, AVDD = 1.8V, LVDD = 1.8V, 50% clock duty cycle, –1dBFS differential analog input, 12Bit/80
MSPS, ADC is configured in internal reference mode (unless otherwise noted). MIN and MAX values are across the full
temperature range TMIN = –40°C to TMAX = 85°C, AVDD = 1.8 V, LVDD = 1.8 V.
PARAMETERS
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLY
80 MSPS/12-Bit, 2-wire LVDS
66
50 MSPS/12 Bit, 1-wire LVDS
48
Power consumption
mW/CH
40 MSPS/12 Bit, 1-wire LVDS
43
80 MSPS/12 Bit, 1-wire decimation filter = 2, 1-wire LVDS
87
80 MSPS, 12 Bit
182
206
AVDD
65 MSPS, 12 Bit
162
mA
40 MSPS, 12 Bit
130
80 MSPS/12-Bit, 2-wire LVDS
112
125
50 MSPS/12 Bit,1-wire LVDS
67
LVDD
mA
40 MSPS/12 Bit,1-wire LVDS
61
80 MSPS/12 Bit, Decimation filter = 2,
198
1-wire LVDS
Partial power down, 80MHz, 2-wire LVDS
175
Power-down power consumption
mW
Complete power down
50
Power supply modulation ratio
Carrier = 5 MHz, fN = 10 kHz at 50 mVPP signal on AVDD
30
dBc
Power supply rejection ratio
AC power supply rejection ratio f = 10 kHz
55
dBc
8
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s) :ADS5292



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com