| Electronic Components Datasheet Search |
|
CC113LRGPR Datasheet(PDF) 29 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
CC113LRGPR Datasheet(HTML) 29 Page - Texas Instruments |
|
29 / 86 page ![]() 0,1,..........,88,....................255,0,........,88,..................,255,0,........,88,.......................,255,0, ...... Internal byte counter in packet handler counts from 0 to 255 and then starts at 0 again Infinite packet length enabled 600 bytes received Fixed packet length mode enabled when less than 256 bytes remains of packet Length field received. PKTLEN set to mode(600, 256) = 88 CC113L www.ti.com SWRS108B – MAY 2011 – REVISED JUNE 2014 When for example a 600-byte packet is to be received, the MCU should do the following (see Figure 5-7). • Set PKTCTRL0.LENGTH_CONFIG=2. • Receive enough bytes to interpret the length field • Program the PKTLEN register to mod(600, 256) = 88. • Receive at least 345 bytes (600 - 255) • Set PKTCTRL0.LENGTH_CONFIG=0. • The reception ends when the packet counter reaches 88. A total of 600 bytes have been received. Figure 5-7. Packet Length > 255 5.10.2 Packet Filtering CC113L supports three different types of packet-filtering; address filtering, maximum length filtering, and CRC filtering. 5.10.2.1 Address Filtering Setting PKTLEN.ADR_CHK to any other value than zero enables the packet address filter. The packet handler engine will compare the destination address byte in the packet with the programmed node address in the PKTCTRL0 register and the 0x00 broadcast address when PKTLEN.ADR_CHK=10 or both the 0x00 and 0xFF broadcast addresses when PKTLEN.ADR_CHK=11. If the received address matches a valid address, the packet is received and written into the RX FIFO. If the address match fails, the packet is discarded and receive mode restarted (regardless of the MCSM1.RXOFF_MODE setting). If the received address matches a valid address when using infinite packet length mode and address filtering is enabled, 0xFF will be written into the RX FIFO followed by the address byte and then the payload data. 5.10.2.2 Maximum Length Filtering In variable packet length mode, PKTCTRL0.LENGTH_CONFIG=1, the PKTLEN.PACKET_LENGTH register value is used to set the maximum allowed packet length. If the received length byte has a larger value than this, the packet is discarded and receive mode restarted (regardless of the MCSM1.RXOFF_MODE setting). 5.10.2.3 CRC Filtering The filtering of a packet when CRC check fails is enabled by setting PKTLEN.CRC_AUTOFLUSH=1. The CRC auto flush function will flush the entire RX FIFO if the CRC check fails. After auto flushing the RX FIFO, the next state depends on the MCSM1.RXOFF_MODE setting. Copyright © 2011–2014, Texas Instruments Incorporated Detailed Description 29 Submit Documentation Feedback Product Folder Links: CC113L |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |