Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC113LRGPR Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # CC113LRGPR
Description  Value Line Receiver
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC113LRGPR Datasheet(HTML) 39 Page - Texas Instruments

Back Button CC113LRGPR Datasheet HTML 35Page - Texas Instruments CC113LRGPR Datasheet HTML 36Page - Texas Instruments CC113LRGPR Datasheet HTML 37Page - Texas Instruments CC113LRGPR Datasheet HTML 38Page - Texas Instruments CC113LRGPR Datasheet HTML 39Page - Texas Instruments CC113LRGPR Datasheet HTML 40Page - Texas Instruments CC113LRGPR Datasheet HTML 41Page - Texas Instruments CC113LRGPR Datasheet HTML 42Page - Texas Instruments CC113LRGPR Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 86 page
background image
CC113L
www.ti.com
SWRS108B – MAY 2011 – REVISED JUNE 2014
NOTE
When MCSM1.RXOFF_MODE=11 and a packet has been received, it will take some time
before a valid RSSI value is present in the RSSI register again even if the radio has never
exited RX mode. This time is the same as the RSSI response time discussed in DN505
SWRA114.
The SIDLE command strobe can always be used to force the radio controller to go to the IDLE state.
5.13.5 RX Termination
If
the
system
expects
the
transmission
to
have
started
when
entering
RX
mode,
the
MCSM2.RX_TIME_RSSI function can be used. The radio controller will then terminate RX if the first valid
carrier sense sample indicates no carrier (RSSI below threshold). See Section 5.12.3 for details on Carrier
Sense.
For OOK modulation, lack of carrier sense is only considered valid after eight symbol periods. Thus, the
MCSM2.RX_TIME_RSSI function can be used in OOK mode when the distance between two “1” symbols
is eight or less.
If RX terminates due to no carrier sense when the MCSM2.RX_TIME_RSSI function is used, the radio will
always go back to IDLE, regardless of the MCSM1.RXOFF_MODE setting.
5.13.6 Timing
5.13.6.1 Overall State Transition Times
The main radio controller needs to wait in certain states in order to make sure that the internal
analog/digital parts have settled down and are ready to operate in the new states. A number of factors are
important for the state transition times:
•
The crystal oscillator frequency, fxosc
•
The value of the TEST0, TEST1, and FSCAL3 registers
Table 5-12 shows timing in crystal clock cycles for key state transitions.
Table 5-12. Overall State Transition Times [Example for 26-MHz Crystal Oscillator, 250 kBaud Data Rate,
and TEST0 = 0x0B (Maximum Calibration Time)].
Description
Transition Time (FREND0.PA_POWER=0)
Transition Time [µs]
IDLE to RX, no calibration
1953/fxosc
75.1
IDLE to RX, with calibration
1953/fxosc + FS calibration Time
799
RX to IDLE, no calibration
2/fxosc
~0.1
RX to IDLE, with calibration
2/fxosc + FS calibration Time
724
Manual calibration
283/fxosc + FS calibration Time
735
5.13.6.2 Frequency Synthesizer Calibration Time
Table 5-13 summarizes the frequency synthesizer (FS) calibration times for possible settings of TEST0
and FSCAL3.CHP_CURR_CAL_EN. Setting FSCAL3.CHP_CURR_CAL_EN to 00b disables the charge
pump calibration stage. TEST0 is set to the values recommended by SmartRF Studio software . The
possible values for TEST0 when operating with different frequency bands are 0x09 and 0x0B. SmartRF
Studio software always sets FSCAL3.CHP_CURR_CAL_EN to 10b.
The calibration time can be reduced from 712/724 µs to 145/157 µs. See for more details.
Copyright © 2011–2014, Texas Instruments Incorporated
Detailed Description
39
Submit Documentation Feedback
Product Folder Links: CC113L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com