Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC113LRGPR Datasheet(PDF) 72 Page - Texas Instruments

Click here to check the latest version.
Part # CC113LRGPR
Description  Value Line Receiver
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC113LRGPR Datasheet(HTML) 72 Page - Texas Instruments

Back Button CC113LRGPR Datasheet HTML 68Page - Texas Instruments CC113LRGPR Datasheet HTML 69Page - Texas Instruments CC113LRGPR Datasheet HTML 70Page - Texas Instruments CC113LRGPR Datasheet HTML 71Page - Texas Instruments CC113LRGPR Datasheet HTML 72Page - Texas Instruments CC113LRGPR Datasheet HTML 73Page - Texas Instruments CC113LRGPR Datasheet HTML 74Page - Texas Instruments CC113LRGPR Datasheet HTML 75Page - Texas Instruments CC113LRGPR Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 86 page
background image
Antenna
(50
)
W
1.8 V - 3.6 V
Power Supply
1 SCLK
2 SO
(GDO1)
3 GDO2
4 DVDD
5 DCOUPL
AVDD 15
AVDD 14
RF_N 13
RF_P 12
AVDD 11
XTAL
C121 C122
L122
L132
C131
L121
L123
C126
R171
C81
C101
C51
CSn
GDO0
(optional)
GDO2
(optional)
SO
(GDO1)
SCLK
SI
CC113L
DIE ATTACH PAD:
L131
C124
C123
L124
CC113L
SWRS108B – MAY 2011 – REVISED JUNE 2014
www.ti.com
Figure 6-3. Characterization Circuit 868 and 915 MHz (Excluding Supply Decoupling Capacitors)
Table 6-2. External Components
Component
Value at 315 MHz
Value at 433 MHz
Value at 868/915 MHz
C121
1 pF
C122
6.8 pF
3.9 pF
1.5 pF
C123
12 pF
8.2 pF
3.3 pF
C124
220 pF
220 pF
100 pF
C125
6.8 pF
5.6 pF
C126
220 pF
220 pF
100 pF
C131
6.8 pF
3.9 pF
1.5 pF
L121
12 nH
L122
33 nH
27 nH
18 nH
L123
18 nH
22 nH
12 nH
L124
33 nH
27 nH
12 nH
L131
12 nH
L132
33 nH
27 nH
18 nH
72
Applications, Implementation, and Layout
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC113L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com