Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC113LRGPR Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # CC113LRGPR
Description  Value Line Receiver
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC113LRGPR Datasheet(HTML) 63 Page - Texas Instruments

Back Button CC113LRGPR Datasheet HTML 59Page - Texas Instruments CC113LRGPR Datasheet HTML 60Page - Texas Instruments CC113LRGPR Datasheet HTML 61Page - Texas Instruments CC113LRGPR Datasheet HTML 62Page - Texas Instruments CC113LRGPR Datasheet HTML 63Page - Texas Instruments CC113LRGPR Datasheet HTML 64Page - Texas Instruments CC113LRGPR Datasheet HTML 65Page - Texas Instruments CC113LRGPR Datasheet HTML 66Page - Texas Instruments CC113LRGPR Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 86 page
background image
CC113L
www.ti.com
SWRS108B – MAY 2011 – REVISED JUNE 2014
Table 5-48. 0x1C: AGCCTRL1 - AGC Control (continued)
Bit
Field Name
Reset
R/W
Description
Sets the absolute RSSI threshold for asserting carrier sense. The
2-complement signed threshold is programmed in steps of 1 dB
and is relative to the MAGN_TARGET setting.
Carrier sense absolute threshold (Equal to
Setting
channel filter amplitude when AGC has not
decreased gain)
-8 (1000)
Absolute carrier sense threshold disabled
CARRIER_SENSE_ABS_
-7 (1001)
7 dB below MAGN_TARGET setting
3:0
0 (0000)
R/W
THR[3:0]
…
…
-1 (1111)
1 dB below MAGN_TARGET setting
0 (0000)
At MAGN_TARGET setting
1 (0001)
1 dB above MAGN_TARGET setting
…
…
7 (0111)
7 dB above MAGN_TARGET setting
Table 5-49. 0x1D: AGCCTRL0 - AGC Control
Bit
Field Name
Reset
R/W
Description
Sets the level of hysteresis on the magnitude deviation (internal
AGC signal that determine gain changes).
Setting
Description
No hysteresis, small symmetric dead zone, high
0 (00)
gain
7:6
HYST_LEVEL[1:0]
2 (10)
R/W
Low hysteresis, small asymmetric dead zone,
1 (01)
medium gain
Medium hysteresis, medium asymmetric dead
2 (10)
zone, medium gain
Large hysteresis, large asymmetric dead zone,
3 (11)
low gain
Sets the number of channel filter samples from a gain
adjustment has been made until the AGC algorithm starts
accumulating new samples.
Setting
Channel filter samples
5:4
WAIT_TIME[1:0]
1 (01)
R/W
0 (00)
8
1 (01)
16
2 (10)
24
3 (11)
32
Control when the AGC gain should be frozen.
Setting
Function
Normal operation. Always adjust gain when
0 (00)
required.
The gain setting is frozen when a sync word has
1 (01)
3:2
AGC_FREEZE[1:0]
0 (00)
R/W
been found.
Manually freeze the analogue gain setting and
2 (10)
continue to adjust the digital gain.
Manually freezes both the analogue and the
3 (11)
digital gain setting. Used for manually overriding
the gain.
Copyright © 2011–2014, Texas Instruments Incorporated
Detailed Description
63
Submit Documentation Feedback
Product Folder Links: CC113L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com