Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM1705DPTP3 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # AM1705DPTP3
Description  AM1705 ARM짰 Microprocessor
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM1705DPTP3 Datasheet(HTML) 28 Page - Texas Instruments

Back Button AM1705DPTP3 Datasheet HTML 24Page - Texas Instruments AM1705DPTP3 Datasheet HTML 25Page - Texas Instruments AM1705DPTP3 Datasheet HTML 26Page - Texas Instruments AM1705DPTP3 Datasheet HTML 27Page - Texas Instruments AM1705DPTP3 Datasheet HTML 28Page - Texas Instruments AM1705DPTP3 Datasheet HTML 29Page - Texas Instruments AM1705DPTP3 Datasheet HTML 30Page - Texas Instruments AM1705DPTP3 Datasheet HTML 31Page - Texas Instruments AM1705DPTP3 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 165 page
background image
AM1705
SPRS657E – FEBRUARY 2010 – REVISED JUNE 2014
www.ti.com
3.6.18 Supply and Ground
Table 3-20. Supply and Ground Terminal Functions
PIN NO
SIGNAL NAME
TYPE(1)
DESCRIPTION
PTP
10, 20, 28, 38,
50, 56, 61, 69,
CVDD (Core supply)
77, 93, 104,
PWR
Core supply voltage pins
114, 147, 154,
161, 167
RVDD (Internal RAM supply)
67, 159
PWR
Internal ram supply voltage pins
5, 15, 24, 33,
43, 47, 53, 58,
65, 71, 75, 81,
DVDD (I/O supply)
87, 90, 99,
PWR
I/O supply voltage pins
109, 119, 128,
151, 158, 164,
172
VSS (Ground)
177
GND
Ground pins
(1)
PWR = Supply voltage, GND - Ground.
28
Device Overview
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM1705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com