Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM1705DPTP3 Datasheet(PDF) 91 Page - Texas Instruments

Click here to check the latest version.
Part # AM1705DPTP3
Description  AM1705 ARM짰 Microprocessor
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM1705DPTP3 Datasheet(HTML) 91 Page - Texas Instruments

Back Button AM1705DPTP3 Datasheet HTML 87Page - Texas Instruments AM1705DPTP3 Datasheet HTML 88Page - Texas Instruments AM1705DPTP3 Datasheet HTML 89Page - Texas Instruments AM1705DPTP3 Datasheet HTML 90Page - Texas Instruments AM1705DPTP3 Datasheet HTML 91Page - Texas Instruments AM1705DPTP3 Datasheet HTML 92Page - Texas Instruments AM1705DPTP3 Datasheet HTML 93Page - Texas Instruments AM1705DPTP3 Datasheet HTML 94Page - Texas Instruments AM1705DPTP3 Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 165 page
background image
AM1705
www.ti.com
SPRS657E – FEBRUARY 2010 – REVISED JUNE 2014
Table 6-42. McASP Registers Accessed Through DMA Port
McASP0
McASP1
BYTE
BYTE
ACRONYM
REGISTER DESCRIPTION
ADDRESS
ADDRESS
Receive buffer DMA port address. Cycles through receive serializers,
Read
skipping over transmit serializers and inactive serializers. Starts at the
01D0 2000
01D0 6000
RBUF
Accesses
lowest serializer at the beginning of each time slot. Reads from DMA port
only if RBUSEL = 0 in RFMT.
Transmit buffer DMA port address. Cycles through transmit serializers,
Write
skipping over receive and inactive serializers. Starts at the lowest serializer
01D0 2000
01D0 6000
XBUF
Accesses
at the beginning of each time slot. Writes to DMA port only if XBUSEL = 0 in
XFMT.
Table 6-43. McASP AFIFO Registers Accessed Through Peripheral Configuration Port
McASP0
McASP1
ACRONYM
REGISTER DESCRIPTION
BYTE ADDRESS
BYTE ADDRESS
0x01D0 1000
0x01D0 5000
AFIFOREV
AFIFO revision identification register
0x01D0 1010
0x01D0 5010
WFIFOCTL
Write FIFO control register
0x01D0 1014
0x01D0 5014
WFIFOSTS
Write FIFO status register
0x01D0 1018
0x01D0 5018
RFIFOCTL
Read FIFO control register
0x01D0 101C
0x01D0 501C
RFIFOSTS
Read FIFO status register
Copyright © 2010–2014, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
91
Submit Documentation Feedback
Product Folder Links: AM1705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com