Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7912ARM Datasheet(PDF) 8 Page - Analog Devices

Part # AD7912ARM
Description  2-Channel, 2.35 V to 5.25 V, 1 MSPS, 10-/12-Bit ADCs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7912ARM Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7912ARM Datasheet HTML 4Page - Analog Devices AD7912ARM Datasheet HTML 5Page - Analog Devices AD7912ARM Datasheet HTML 6Page - Analog Devices AD7912ARM Datasheet HTML 7Page - Analog Devices AD7912ARM Datasheet HTML 8Page - Analog Devices AD7912ARM Datasheet HTML 9Page - Analog Devices AD7912ARM Datasheet HTML 10Page - Analog Devices AD7912ARM Datasheet HTML 11Page - Analog Devices AD7912ARM Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
AD7912/AD7922
Rev. 0 | Page 8 of 32
TIMING EXAMPLES
Figure 6 and Figure 7 show some of the timing parameters from
the Timing Specifications section.
Timing Example 1
As shown in Figure 7, when fSCLK = 18 MHz and the throughput
is 1 MSPS, the cycle time is
t2 + 12.5(1/fSCLK) + tACQ = 1 µs
With t2 = 10 ns minimum, then tACQ is 295 ns, which satisfies the
requirement of 290 ns for tACQ.
In Figure 7, tACQ is comprised of 2.5(1/fSCLK) + t10 + tQUIET, where
t10 = 30 ns maximum. This allows a value of 126 ns for tQUIET,
satisfying the minimum requirement of 30 ns.
Timing Example 2
The AD7922 can also operate with slower clock frequencies. As
shown in Figure 7, when fSCLK = 5 MHz and the throughput rate
is 315 kSPS, the cycle time is
t2 + 12.5(1/fSCLK) + tACQ = 3.17 µs
With t2 = 10 ns minimum, then tACQ is 664 ns, which satisfies the
requirement of 290 ns for tACQ.
In Figure 7, tACQ is comprised of 2.5(1/fSCLK) + t10 + tQUIET, where
t10 = 30 ns maximum. This allows a value of 134 ns for tQUIET,
satisfying the minimum requirement of 30 ns.
In this example, as with other slower clock values, the signal
might already be acquired before the conversion is complete,
but it is still necessary to leave 30 ns minimum tQUIET between
conversions. In this example, the signal should be fully acquired
at approximately point C in Figure 7.
ZERO
X
12
34
5
13
14
15
16
X
CHN
STY
X
X
X
X
X
CHN
MOD
DB11
DB10
DB2
DB1
DB0
Z
t2
t6
t4
t8
t9
t3
t7
t5
t10
t1
tQUIET
tCONVERT
SCLK
CS
DOUT
THREE-STATE
THREE-STATE
DIN
B
Figure 6. AD7922 Serial Interface Timing Diagram
12
3
45
13
14
15
16
tQUIET
tACQUISITION
1/THROUGHPUT
12.5(1/fSCLK)
tCONVERT
BC
SCLK
CS
t10
t2
Figure 7. Serial Interface Timing Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com