Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7912ARM Datasheet(PDF) 18 Page - Analog Devices

Part # AD7912ARM
Description  2-Channel, 2.35 V to 5.25 V, 1 MSPS, 10-/12-Bit ADCs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7912ARM Datasheet(HTML) 18 Page - Analog Devices

Back Button AD7912ARM Datasheet HTML 14Page - Analog Devices AD7912ARM Datasheet HTML 15Page - Analog Devices AD7912ARM Datasheet HTML 16Page - Analog Devices AD7912ARM Datasheet HTML 17Page - Analog Devices AD7912ARM Datasheet HTML 18Page - Analog Devices AD7912ARM Datasheet HTML 19Page - Analog Devices AD7912ARM Datasheet HTML 20Page - Analog Devices AD7912ARM Datasheet HTML 21Page - Analog Devices AD7912ARM Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
AD7912/AD7922
Rev. 0 | Page 18 of 32
MODES OF OPERATION
The three modes of operation of the AD7912/AD7922 are
normal mode, power-down mode, and daisy-chain mode. The
mode of operation is selected by controlling the logic state of
the CS signal. The point at which CS is pulled high after the
conversion has been initiated determines whether the
AD7912/AD7922 enter power-down mode or change to daisy-
chain mode. Similarly, if already in daisy-chain mode, CS can
control whether the device returns to normal operation or
enters power-down mode. The user can also change from daisy-
chain mode to normal mode by writing to the DIN pin, as
outlined in the DIN Input section.
Power-down mode is designed to provide flexible power
management options and to optimize the ratio of power
dissipation to throughput rate for different application
requirements.
Daisy-chain mode is intended for applications where fast
throughput rate is not required and more than one
AD7912/AD7922 have been connected in a daisy chain, as
shown in Figure 33.
NORMAL MODE
Normal mode is intended for the fastest throughput rate
performance. The user does not have to worry about any
power-up time, because the AD7912/AD7922 remain fully
powered all the time. Figure 26 shows the operation of the
AD7912/AD7922 in this mode.
The conversion is initiated on the falling edge of CS as
described in the Serial Interface section. To ensure that the part
remains fully powered up at all times, CS must remain low until
at least 10 SCLK falling edges have elapsed after the falling edge
of CS. If CS is brought high after the 10th SCLK falling edge
and before the 12th SCLK falling edge, then the device enters
daisy-chain mode, as shown in Figure 27. The conversion is
terminated and DOUT goes back into three-state. If CS is
brought high after the 13th SCLK falling edge, but before the
end of tCONVERT, the conversion is terminated and DOUT goes
back into three-state, but the part remains in normal mode.
For the AD7922, 16 serial clock cycles are required to complete
the conversion and access the complete conversion result. For
the AD7912, a minimum of 14 serial clock cycles are required
to complete the conversion and access the complete
conversion result.
CS can idle high until the next conversion or can idle low until
CS returns high sometime prior to the next conversion
(effectively idling CS low). Once a data transfer is complete
(DOUT has returned to three-state), another conversion can be
initiated after the quiet time, tQUIET, has elapsed by bringing CS
low again.
POWER-DOWN MODE
Power-down mode is intended for use in applications where
slower throughput rates are required. Either the ADC is
powered down between each conversion, or a series of
conversions can be performed at a high throughput rate and
then the ADC is powered down for a relatively long duration
between these bursts of several conversions. When the AD7912/
AD7922 are in power-down mode, all analog circuitry is
powered down.
To enter power-down mode, the conversion process must be
interrupted by bringing CS high any time after the second
falling edge of SCLK and before the 10th falling edge of SCLK,
as shown in Figure 28. Once CS has been brought high in this
window of SCLKs, then the part enters power-down mode, the
conversion that was initiated by the falling edge of CS is termi-
nated, and DOUT goes back into three-state. If CS is brought
high before the second SCLK falling edge, then the part remains
in normal mode and does not power down. This helps to avoid
accidental power-down due to glitches on the CS line.
To exit this mode of operation and power the AD7912/AD7922
up again, a dummy conversion is performed. On the falling edge
of CS, the device begins to power up and continues to power up
as long as CS is held low until after the falling edge of the
10th SCLK. The device is fully powered up once 16 SCLKs have
elapsed and valid data results from the next conversion, as
shown in Figure 29. If CS is brought high before the 10th falling
edge of SCLK, then the AD7912/AD7922 go back into power-
down mode. This helps to avoid accidental power-up due to
glitches on the CS line or an inadvertent burst of 8 SCLK cycles
while CS is low. Therefore, although the device might begin to
power up on the falling edge of CS, it powers down again on the
rising edge of CS, as long as this occurs before the 10th SCLK
falling edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com