Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7912ARM Datasheet(PDF) 20 Page - Analog Devices

Part # AD7912ARM
Description  2-Channel, 2.35 V to 5.25 V, 1 MSPS, 10-/12-Bit ADCs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7912ARM Datasheet(HTML) 20 Page - Analog Devices

Back Button AD7912ARM Datasheet HTML 16Page - Analog Devices AD7912ARM Datasheet HTML 17Page - Analog Devices AD7912ARM Datasheet HTML 18Page - Analog Devices AD7912ARM Datasheet HTML 19Page - Analog Devices AD7912ARM Datasheet HTML 20Page - Analog Devices AD7912ARM Datasheet HTML 21Page - Analog Devices AD7912ARM Datasheet HTML 22Page - Analog Devices AD7912ARM Datasheet HTML 23Page - Analog Devices AD7912ARM Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
AD7912/AD7922
Rev. 0 | Page 20 of 32
POWER-UP TIME
The power-up time of the AD7912/AD7922 is 1 µs, which
means that with any frequency of SCLK up to 18 MHz, one
dummy cycle is always sufficient to allow the device to power
up. Once the dummy cycle is complete, the ADC is fully
powered up and the input signal is fully acquired. The quiet
time, tQUIET, must still be allowed from the point at which the
bus goes back into three-state after the dummy conversion to
the next falling edge of CS. When running at a 1 MSPS
throughput rate, the AD7912/AD7922 power up and acquire a
signal within ±1 LSB in one dummy cycle, that is, 1 µs.
When powering up from power-down mode with a dummy
cycle, as in Figure 29, the track-and-hold that was in hold mode
while the part was powered down returns to track mode on the
fifth SCLK falling edge that the part receives after the falling
edge of CS. This is shown as point A in Figure 29. At this point,
the part starts to acquire the signal on the channel selected in
the current dummy conversion.
Although at any SCLK frequency one dummy cycle is sufficient
to power up the device and acquire VIN, it does not necessarily
mean that a full dummy cycle of 16 SCLKs must always elapse
to power up the device and acquire VIN fully. 1 µs is sufficient to
power up the device and acquire the input signal. For example,
if a 5 MHz SCLK frequency was applied to the ADC, the cycle
time would be 3.2 µs. In one dummy cycle, 3.2 µs, the part
would be powered up and VIN acquired fully. However, after 1 µs
with a 5 MHz SCLK, only five SCLK cycles would have elapsed.
At this stage, the ADC would be fully powered up and the signal
is acquired. Therefore, in this case, CS can be brought high after
the 10th SCLK falling edge. If CS is brought high anytime after
the 13th SCLK falling edge, the part enters normal mode for the
next conversion. CS has to be brought low again after a time,
tQUIET, to initiate the conversion. However, if CS is brought high
anytime after the 10th and before the 12th SCLK falling edge,
the part enters daisy-chain mode.
When power supplies are first applied to the AD7912/AD7922,
the ADC can power up in either power-down mode, normal
mode, or daisy-chain mode. Because of this, it is best to allow a
dummy cycle to elapse to ensure that the part is fully powered
up before attempting a valid conversion. Likewise, if the user
wants to keep the part in power-down mode while not in use
and to power up in power-down mode, then the dummy cycle
can be used to ensure that the device is in power-down mode by
executing a cycle such as that shown in Figure 28.
Once supplies are applied to the AD7912/AD7922, the power-
up time is the same as when powering up from the power-down
mode. It takes the part approximately 1 µs to power up fully in
normal mode. It is not necessary to wait 1 µs before executing a
dummy cycle to ensure the desired mode of operation. Instead,
the dummy cycle can occur directly after power is supplied to
the ADC. If the first valid conversion is then performed directly
after the dummy conversion, care must be taken to ensure that
adequate acquisition time has been allowed. When the ADC
powers up initially after supplies are applied, the track-and-hold
is in hold. It returns to track on the fifth SCLK falling edge that
the part receives after the falling edge of CS.
DAISY-CHAIN MODE
When the ADC is in this mode of operation, the part operates
as a shift register. This mode is intended for applications where
more than one ADC is used, connected in a daisy-chain
configuration (see Figure 33). All ADCs are addressed by the
same CS signal and the same serial clock. The conversion result
stored in the internal shift register in each ADC is shifted from
one device to the following in the chain. See the Daisy-Chain
Example in the following section for more details.
To enter daisy-chain mode, the conversion process must be
interrupted by bringing CS high after the 10th falling edge of
SCLK and before the 12th falling edge of SCLK, as shown in
Figure 27. To ensure that the AD7912/AD7922 are placed into
daisy-chain mode, CS should not be brought high until at
least 20 ns after the 10th SCLK falling edge and before the
12th SCLK falling edge. Once CS has been brought high in
this window of SCLKs, the part enters daisy-chain mode, the
conversion that was initiated by the falling edge of CS is
terminated, and DOUT goes back into three-state.
If CS is brought high between the 10th and the 12th SCLK
falling edge, the part enters daisy-chain mode and the data
shifted from one ADC to the next one in the chain is valid data
(see Figure 34 and Figure 35). If CS is brought high between the
12th and the 13th SCLK falling edge, the part enters daisy-chain
mode, but the data shifted in the chain is invalid data.
To keep the part in daisy-chain mode, the CHN and STY bits in
the DIN word must be inverted relative to each other in each
16 SCLKs cycle. A conversion with the CHN and STY bits set to
the same value in the DIN word while the device is in daisy-
chain mode forces the part to go back into normal mode in the
next cycle, as shown in Figure 30.
To exit this mode of operation, the user can perform a dummy
cycle or can set the STY bit to the CHN bit value on the DIN
word during a conversion cycle. When performing a dummy
conversion to exit this mode, CS must be brought high anytime
after the 10th SCLK falling edge and before the 13th SCLK
falling edge, as shown in Figure 31. The device enters normal
mode, and valid data from the channel selected in the dummy
cycle results in the next conversion.
Figure 32 summarizes the modes of operation, how to change
between modes, the values for the bits in the DIN and DOUT
words in different modes, and in the transitions between modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com