Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7912ARM Datasheet(PDF) 24 Page - Analog Devices

Part # AD7912ARM
Description  2-Channel, 2.35 V to 5.25 V, 1 MSPS, 10-/12-Bit ADCs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7912ARM Datasheet(HTML) 24 Page - Analog Devices

Back Button AD7912ARM Datasheet HTML 20Page - Analog Devices AD7912ARM Datasheet HTML 21Page - Analog Devices AD7912ARM Datasheet HTML 22Page - Analog Devices AD7912ARM Datasheet HTML 23Page - Analog Devices AD7912ARM Datasheet HTML 24Page - Analog Devices AD7912ARM Datasheet HTML 25Page - Analog Devices AD7912ARM Datasheet HTML 26Page - Analog Devices AD7912ARM Datasheet HTML 27Page - Analog Devices AD7912ARM Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
AD7912/AD7922
Rev. 0 | Page 24 of 32
POWER VS. THROUGHPUT RATE
By using the power-down mode on the AD7912/AD7922 when
not converting, the average power consumption of the ADC
decreases at lower throughput rates. Figure 36 shows how, as the
throughput rate is reduced, the device remains in its power-
down state longer and the average power consumption over
time drops.
For example, if the AD7912/AD7922 are operating in a continu-
ous sampling mode with a throughput rate of 100 kSPS and a
SCLK of 18 MHz (VDD = 5 V), and the devices are placed in the
power-down mode between conversions, then the power
consumption is calculated as follows. The power dissipation
during normal operation is 20 mW (VDD = 5 V). If the power-up
time is one dummy cycle (1 µs), and the remaining conversion
time is another cycle (1 µs), then the AD7912/AD7922 dissipate
20 mW for 2 µs during each conversion cycle. If the throughput
rate is 100 kSPS and the cycle time is 10 µs, then the average
power dissipated during each cycle is
(2/10) × (20 mW) = 4 mW
If VDD = 3 V, SCLK = 18 MHz, and the device is again in power-
down mode between conversions, then the power dissipation
during normal operation is 6 mW. The AD7912/AD7922 now
dissipate 6 mW for 2 µs during each conversion cycle. With a
throughput rate of 100 kSPS, the average power dissipated
during each cycle is
(2/10) × (6 mW) = 1.2 mW
In the previous calculations, the power dissipation when the
part is in power-down mode has not been taken into account.
By placing the parts into power-down mode between conver-
sions, the average power consumed by the ADC decreases as
the throughput rate decreases, because the ADC remains in a
power-down state for a longer time.
Figure 36 shows the power consumption versus throughput rate
when using the power-down mode between conversions with
both 5 V and 3 V supplies.
Power-down mode is intended for use with throughput rates of
approximately 330 kSPS and under, because at higher sampling
rates the short time spent in power-down does not affect the
average power consumed by the ADC.
100
0.01
0.1
1
10
0
50
100
150
200
250
300
350
THROUGHPUT (kSPS)
VDD = 5V, SCLK = 18MHz
VDD = 3V, SCLK = 18MHz
Figure 36. Power Consumption vs. Throughput Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com