| Electronic Components Datasheet Search |
|
DP83902A Datasheet(PDF) 27 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP83902A Datasheet(HTML) 27 Page - National Semiconductor (TI) |
|
27 / 70 page ![]() 100 Internal Registers (Continued) 103 REGISTER DESCRIPTIONS (Continued) INTERRUPT STATUS REGISTER (ISR) 07H (READWRITE) This register is accessed by the host processor to determine the cause of an interrupt Any interrupt can be masked in the Interrupt Mask Register (IMR) Individual interrupt bits are cleared by writing a ‘‘1’’ into the corresponding bit of the ISR The INT signal is active as long as any unmasked signal is set and will not go low until all unmasked bits in this register have been cleared The ISR must be cleared after power up by writing it with all 1’s 76 5 4 3 2 1 0 RST RDC CNT OVW TXE RXE PTX PRX Bit Symbol Description D0 PRX Packet Received Indicates packet received with no errors D1 PTX Packet Transmitted Indicates packet transmitted with no errors D2 RXE Receive Error Indicates that a packet was received with one or more of the following errors CRC Error Frame Alignment Error FIFO Overrun Missed Packet D3 TXE Transmit Error Set when packet transmitted with one or more of the following errors Excessive Collisions FIFO Underrun D4 OVW Overwrite Warning Set when receive buffer ring storage resources have been exhausted (Local DMA has reached Boundary Pointer) D5 CNT Counter Overflow Set when MSB of one or more of the Network Tally Counters has been set D6 RDC Remote DMA Complete Set when Remote DMA operation has been completed D7 RST Reset Status Set when ST-NIC enters reset state and cleared when a Start Command is issued to the CR This bit is also set when a Receive Buffer Ring overflow occurs and is cleared when one or more packets have been removed from the ring Writing to this bit has no effect Note This bit does not generate an interrupt it is merely a status indicator 27 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |