Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83902A Datasheet(PDF) 58 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83902A
Description  ST-NICTM Serial Network Interface Controller for Twisted Pair
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83902A Datasheet(HTML) 58 Page - National Semiconductor (TI)

Back Button DP83902A Datasheet HTML 54Page - National Semiconductor (TI) DP83902A Datasheet HTML 55Page - National Semiconductor (TI) DP83902A Datasheet HTML 56Page - National Semiconductor (TI) DP83902A Datasheet HTML 57Page - National Semiconductor (TI) DP83902A Datasheet HTML 58Page - National Semiconductor (TI) DP83902A Datasheet HTML 59Page - National Semiconductor (TI) DP83902A Datasheet HTML 60Page - National Semiconductor (TI) DP83902A Datasheet HTML 61Page - National Semiconductor (TI) DP83902A Datasheet HTML 62Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 70 page
background image
150 Switching Characteristics AC Specs DP83902A Note All Timing is Preliminary (Continued)
DMA Memory Read
TLF11157 – 39
Symbol
Parameter
Min
Max
Units
bcrl
Bus Clock to Read Strobe Low
43
ns
bcrh
Bus Clock to Read Strobe High
40
ns
ds
Data Setup to Read Strobe High
22
ns
dh
Data Hold from Read Strobe High
0
ns
drw
DMA Read Strobe Width Out
2 bcyc b 15
ns
raz
Memory Read High to Address TRI-STATE
bch a 40
ns
(Notes 1 2)
asds
Address Strobe to Data Strobe
bcl a 10
ns
dsada
Data Strobe to Address Active
bcyc b 10
ns
avrh
Address Valid to Read Strobe High
3 bcyc b 18
ns
Note 1
During a burst A8–A15 are not TRI-STATE if byte wide transfers are selected On the last transfer A8–A15 are TRI-STATE as shown above
Note 2
These limits include the RC delay inherent in our test method These signals typically turn off within bch a 15 ns enabling other devices to drive these
lines with no contention
58



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com