Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83902A Datasheet(PDF) 62 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83902A
Description  ST-NICTM Serial Network Interface Controller for Twisted Pair
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83902A Datasheet(HTML) 62 Page - National Semiconductor (TI)

Back Button DP83902A Datasheet HTML 58Page - National Semiconductor (TI) DP83902A Datasheet HTML 59Page - National Semiconductor (TI) DP83902A Datasheet HTML 60Page - National Semiconductor (TI) DP83902A Datasheet HTML 61Page - National Semiconductor (TI) DP83902A Datasheet HTML 62Page - National Semiconductor (TI) DP83902A Datasheet HTML 63Page - National Semiconductor (TI) DP83902A Datasheet HTML 64Page - National Semiconductor (TI) DP83902A Datasheet HTML 65Page - National Semiconductor (TI) DP83902A Datasheet HTML 66Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 70 page
background image
150 Switching Characteristics AC Specs DP83902A Note All Timing is Preliminary (Continued)
Remote DMA (Read Send Command) Recovery Time
TLF11157 – 43
Symbol
Parameter
Min
Max
Units
bpwrl
Bus Clock to Port Write Low
43
ns
bpwrh
Bus Clock to Port Write High
40
ns
prqh
Port Write High to Port Request High (Note 1)
30
ns
prql
Port Request Low from Read Acknowledge High
60
ns
rakw
Remote Acknowledge Read Strobe Pulse Width
20
ns
rhpwh
Read Acknowledge High to Next Port Write Cycle
11
BSCK
(Notes 2 3 4)
Note 1
Start of next transfer is dependent on where RACK is generated relative to BSCK and whether or not a local DMA is pending
Note 2
This is not a measured value but guaranteed by design
Note 3
RACK must be high for a minimum of 7 BSCK
Note 4
Assumes no local DMA interleave no CS and immediate BACK
62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com