Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF7020 Datasheet(PDF) 18 Page - Analog Devices

Part # ADF7020
Description  High Performance ISM Band FSK/ASK Transceiver IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7020 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADF7020 Datasheet HTML 14Page - Analog Devices ADF7020 Datasheet HTML 15Page - Analog Devices ADF7020 Datasheet HTML 16Page - Analog Devices ADF7020 Datasheet HTML 17Page - Analog Devices ADF7020 Datasheet HTML 18Page - Analog Devices ADF7020 Datasheet HTML 19Page - Analog Devices ADF7020 Datasheet HTML 20Page - Analog Devices ADF7020 Datasheet HTML 21Page - Analog Devices ADF7020 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
ADF7020
Preliminary Technical Data
Rev. PrH | Page 18 of 40
Postdemodulator Filter
A second-order, digital low-pass filter removes excess noise
from the demodulated bit stream at the output of the
discriminator. The bandwidth of this postdemodulator filter is
programmable and must be optimized for the user’s data rate. If
the bandwidth is set too narrow, performance is degraded due
to intersymbol interference (ISI). If the bandwidth is set too
wide, excess noise degrades the receiver’s performance.
Typically, the 3 dB bandwidth of this filter is set at
approximately 0.75 times the user’s data rate, using Bits
R4_DB(6:15).
Bit Slicer
The received data is recovered by threshold detecting the output
of the postdemodulator low-pass filter. In the correlator/
demodulator, the binary output signal levels of the frequency
discriminator are always centered on zero. Therefore, the slicer
threshold level can be fixed at zero and the demodulator
performance is independent of the run-length constraints of the
transmit data bit stream. This results in robust data recovery,
which does not suffer from the classic baseline wander
problems that exist in the more traditional FSK demodulators.
Frequency errors are removed by an internal AFC loop that
measures the average IF frequency at the limiter output and
applies a frequency correction value to the fractional-N
synthesizer. This loop should be activated when the frequency
errors are greater than approximately 40% of the transmit
frequency deviation (see the AFC Section).
Data Synchronizer
An oversampled digital PLL is used to resynchronize the
received bit stream to a local clock. The oversampled clock rate
of the PLL (CDR_CLK) must be set at 32 times the data rate.
See the notes for the Register 3—Receiver Clock Register
section for a definition of how to program. The clock recovery
PLL can accommodate frequency errors of up to ±2%.
FSK Correlator Register Settings
To enable the FSK correlator/demodulator, Bits R4_DB(5:4)
should be set to [01]. To achieve best performance, the
bandwidth of the FSK correlator must be optimized for the
specific deviation frequency that is used by the FSK transmitter.
The discriminator BW is controlled in Register 6 by
R6_DB(4:13) and is defined as
)
10
800
/(
)
_
(
_
3
×
×
=
K
CLK
DEMOD
BW
tor
Discrimina
where:
DEMOD_CLK is as defined in the Register 3—Receiver Clock
Register section, Note 2.
K = Round(200e3/FSK Deviation)
To optimize the coefficients of the FSK correlator, two
additional bits, R6_DB14 and R6_DB29, must be assigned. The
value of these bits depends on whether K (as defined above) is
odd or even. These bits are assigned according to Table 7 and
Table 8.
Table 7. When K Is Even
K
K/2
R6_DB14
R6_DB29
Even
Even
0
0
Even
Odd
0
1
Table 8. When K Is Odd
K
(K + 1)/2
R6_DB14
R6_DB29
Odd
Even
1
0
Odd
Odd
1
1
Postdemodulator Bandwidth Register Settings
The 3 dB bandwidth of the postdemodulator filter is controlled
by Bits R4_ DB(6:15) and is given by
CLK
DEMOD
F
BWSetting
Demod
Post
CUTOFF
_
2
2
_
_
10
×
π
×
=
where FCUTOFF is the target 3 dB bandwidth in Hz of the
postdemodulator filter. This should typically be set to 0.75 times
the data rate (DR).
Some sample settings for the FSK correlator/demodulator are
DEMOD_CLK = 5 MHz
DR = 9.6 kbps
FDEV = 20 kHz
Therefore,
FCUTOFF = 0.75 × 9.6 × 103 Hz
Post_Demod_BW = 211 π 7.2 × 103 Hz/(5 MHz)
Post_Demod_BW = Round(9.26) = 9
and
K = Round(200 kHz)/20 kHz) = 10
Discriminator_BW = (5 MHz × 10)/(800 × 103) = 62.5 =
63 (rounded to nearest integer)
Table 9.
Setting Name
Register Address
Value
Post_Demod_BW
R4_DB(6:15)
0x09
Discriminator BW
R6_DB(4:13)
0x3F
Dot Product
R6_DB14
0
Rx Data Invert
R6_DB29
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com