Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD3SS460RHRT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS460RHRT
Description  4 x 6 Channels USB Type-C Alternate Mode MUX
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HD3SS460RHRT Datasheet(HTML) 4 Page - Texas Instruments

  HD3SS460RHRT Datasheet HTML 1Page - Texas Instruments HD3SS460RHRT Datasheet HTML 2Page - Texas Instruments HD3SS460RHRT Datasheet HTML 3Page - Texas Instruments HD3SS460RHRT Datasheet HTML 4Page - Texas Instruments HD3SS460RHRT Datasheet HTML 5Page - Texas Instruments HD3SS460RHRT Datasheet HTML 6Page - Texas Instruments HD3SS460RHRT Datasheet HTML 7Page - Texas Instruments HD3SS460RHRT Datasheet HTML 8Page - Texas Instruments HD3SS460RHRT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
LnCn
LnBp
LnBn
EN
LnAp
LnAn
CRX1n
CTX1p
2
CTX1n
CTX2p
AMSEL
CTX2n
CRX2p
CRX2n
POL
LnDn
LnCp
LnDp
VCC
CRX1p
3
4
5
6
7
8
9
16
28
1
27
26
25
13
12
11
10
14
17
18
19
20
21
22
23
24
15
Thermal Pad
GND
4
HD3SS460
SLLSEM7B – JANUARY 2015 – REVISED JUNE 2016
www.ti.com
Product Folder Links: HD3SS460
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
High speed data ports (CRX[1/2][p/n], Ln[A-D][p,n], and SS[T/R]X[p/n]) incorporate 20k
Ω pull down resistors that are switched in when a
port is not selected and switched out when the port is selected.
6 Pin Configuration and Functions
RHR Package With Thermal Pad
(28-Pin WQFN)
Top View
Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
VCC
22
P
Power
GND
PAD
G
Ground
POL
3
Input
Provides MUX control (Table 1)
AMSEL
8
3-Level Input
Provides MUX configurations (Table 1)
EN
17
3-Level Input
Enable signal; also provides MUX control (Table 1)
CRX1p, n
1, 2
I/O
High Speed Signal Port CRX1 positive, negative
CTX1p, n
4, 5
I/O
High Speed Signal Port CTX1 positive, negative
CTX2p, n
6, 7
I/O
High Speed Signal Port CTX2 positive, negative
CRX2p, n
9, 10
I/O
High Speed Signal Port CRX2 positive, negative
LnAn, p
15, 16
I/O
High Speed Signal Port LnA positive, negative
LnBn, p
18, 19
I/O
High Speed Signal Port LnB positive, negative
LnCn, p
20, 21
I/O
High Speed Signal Port LnC positive, negative
LnDn, p
23, 24
I/O
High Speed Signal Port LnD positive, negative
SSTXn, p
25, 26
I/O
High Speed Signal Port SSTX positive, negative
SSRXn, p
27, 28
I/O
High Speed Signal Port SSRX positive, negative
CSBU1, 2
11, 12
I/O
Low Speed Signal Port CSBU 1, 2
SBU1, 2
13, 14
I/O
Low Speed Signal Port SBU 1, 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com