Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD3SS460RHRT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS460RHRT
Description  4 x 6 Channels USB Type-C Alternate Mode MUX
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HD3SS460RHRT Datasheet(HTML) 6 Page - Texas Instruments

Back Button HD3SS460RHRT Datasheet HTML 2Page - Texas Instruments HD3SS460RHRT Datasheet HTML 3Page - Texas Instruments HD3SS460RHRT Datasheet HTML 4Page - Texas Instruments HD3SS460RHRT Datasheet HTML 5Page - Texas Instruments HD3SS460RHRT Datasheet HTML 6Page - Texas Instruments HD3SS460RHRT Datasheet HTML 7Page - Texas Instruments HD3SS460RHRT Datasheet HTML 8Page - Texas Instruments HD3SS460RHRT Datasheet HTML 9Page - Texas Instruments HD3SS460RHRT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
6
HD3SS460
SLLSEM7B – JANUARY 2015 – REVISED JUNE 2016
www.ti.com
Product Folder Links: HD3SS460
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
7.5 Electrical Characteristics
typical values for all parameters are at VDD = 3.3 V and TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIL
Input low voltage, control pins POL,
AMSEL, EN
–0.1
0.4
V
VIH
Input high voltage, control pins
POL, AMSEL, EN
VCC –0.4
VCC +0.1
VIM
Input mid-level voltage, control pins
AMSEL, EN
VCC/2 –0.3
VCC/2 VCC/2 +0.3
ILK-DIFF-ACTIVE
Leakage current on active
differential IO pins, VCC=3.6V, pin
at 0 or 2.4V.
1
µA
ILK-DIFF-
INACTIVE
Leakage current on inactive
differential IO pins, VCC=3.6V, pin
at 2.4V.
150
IIH
Input high current, control pins
POL, AMSEL, EN and signal pins
CSBU1/2, SBU1/2
1
IIL
Input low current, control pins POL,
AMSEL, EN and signal pins
CSBU1/2, SBU1/2
1
IIM
Input mid-level current, control pins
AMSEL, EN
1
IOFF
Device shutdown current
1
5
IDD
Device active current, EN=H or M
0.6
0.9
mA
RON(HS)
Switch ON resistance for high
speed differential signals
VCC = 3.3 V, VCM = 0-2 V,
IO = - 8 mA
8
14
Ω
RON(LS)
Switch ON resistance for low speed
signals
VCC = 3.3 V, VCM = 0-2 V,
IO = - 8 mA
12
RFLAT(ON,HS)
High speed differential signals’ ON
resistance flatness for a channel
(RON(MAX) – RON(MIN)) over VCM
range VCC = 3.3 V, VCM = 0-2 V,
IO = - 8 mA
1.5
CON(HS)
High speed differential signals’
input capacitance
1
pF
7.6 High Speed Port Performance Parameters
under recommended operating conditions; RLOAD, RSC = 50 Ω (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
RL
Differential return loss
100 Mhz SS Paths
–23
dB
2.5 Ghz SS Paths
–9
100 MHz AM Paths
–23
2. 7GHz AM Paths
–13
IL
Differential insertion loss
100 Mhz SS Paths
–0.7
2.5 Ghz SS Paths
–1.6
100 MHz AM Paths
–0.7
2.7 GHz AM Paths
–1.4
OI
Differential off isolation
100 Mhz
–50
2.5 Ghz
–26
2.7 GHz
–25
Xtalk
Differential cross talk, Between
CRX1/2 and CTX1/2
100 Mhz
–80
2.5 Ghz
–30
2.7 Ghz
–28
Differential cross talk, Between
CRX1 and CRX2 or CTX1 and
CTX2
100 Mhz
–50
2.5 Ghz
–26
2.7 Ghz
–25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com