Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD3SS460RHRT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS460RHRT
Description  4 x 6 Channels USB Type-C Alternate Mode MUX
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HD3SS460RHRT Datasheet(HTML) 10 Page - Texas Instruments

Back Button HD3SS460RHRT Datasheet HTML 6Page - Texas Instruments HD3SS460RHRT Datasheet HTML 7Page - Texas Instruments HD3SS460RHRT Datasheet HTML 8Page - Texas Instruments HD3SS460RHRT Datasheet HTML 9Page - Texas Instruments HD3SS460RHRT Datasheet HTML 10Page - Texas Instruments HD3SS460RHRT Datasheet HTML 11Page - Texas Instruments HD3SS460RHRT Datasheet HTML 12Page - Texas Instruments HD3SS460RHRT Datasheet HTML 13Page - Texas Instruments HD3SS460RHRT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
CRX1
CRX2
SSRX
CTX1
SSTX
LnA
CTX2
LnB
LnC
LnD
CSBU1
CSBU2
SBU1
SBU2
CRX1
CRX2
SSRX
CTX1
SSTX
LnA
CTX2
LnB
LnC
LnD
CSBU1
CSBU2
SBU1
SBU2
10
HD3SS460
SLLSEM7B – JANUARY 2015 – REVISED JUNE 2016
www.ti.com
Product Folder Links: HD3SS460
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
All positive signals connect to positive and negative to negative
8.3 Feature Description
8.3.1 High Speed Differential Signal Switching
Based on control pin AMSEL the device provides muxing options of:
1. 1 port (RX and TX) USB3.1 SS data / 2Ch video (or any other Alternate Mode data)
2. All 4Ch video (or any other Alternate Mode data)
3. 1 port (RX and TX) USB3.1 SS data
4. 1 port (RX and TX) USB3.1 SS data / 2Ch video (or any other Alternate Mode data) with option of choosing
video from two different source/sink
5. 1 port (RX and TX) USB3.1 SS data / 2Ch video (or any other Alternate Mode data) with option of choosing
video 2 Ln Video or 1 Ln Video from two different source/sink
8.3.2 Low Speed SBU Signal Switching
The device also provides cross point muxing for low speed SBU signals as needed in USB Type-C flippable
connector implementation. The device provides the option to choose the USB only implementation where SBU
ports are in tri-state.
8.3.3 Output Enable and Power Savings
The HD3SS460 has two power modes, active/normal operating mode and standby/shutdown mode. During
standby mode, the device consumes very little current to save the maximum power. To enter standby mode, the
EN control pin is pulled low and must remain low. For active/normal operation, the EN control pin should be
pulled high to VDD through a resistor or dynamically controlled to switch between H or M.
HD3SS460 consumes <2 mW of power when operational and <5 µW in shutdown mode, exercisable by the EN
pin.
8.4 Device Functional Modes
8.4.1 Device High Speed Switch Control Modes
Table 1. MUX Control for High Speed and Low Speed SBU Channels
POL
AMSEL
EN
CONFIGURATIONS
HIGH SPEED SIGNAL
FLOW(1)
SBU SIGNAL FLOW
L
L
H
2CH USBSS + 2CH AM
(Normal)
H
L
H
2CH USBSS + 2CH AM
(Flipped)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com