Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD3SS460RHRT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS460RHRT
Description  4 x 6 Channels USB Type-C Alternate Mode MUX
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HD3SS460RHRT Datasheet(HTML) 8 Page - Texas Instruments

Back Button HD3SS460RHRT Datasheet HTML 4Page - Texas Instruments HD3SS460RHRT Datasheet HTML 5Page - Texas Instruments HD3SS460RHRT Datasheet HTML 6Page - Texas Instruments HD3SS460RHRT Datasheet HTML 7Page - Texas Instruments HD3SS460RHRT Datasheet HTML 8Page - Texas Instruments HD3SS460RHRT Datasheet HTML 9Page - Texas Instruments HD3SS460RHRT Datasheet HTML 10Page - Texas Instruments HD3SS460RHRT Datasheet HTML 11Page - Texas Instruments HD3SS460RHRT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
tSK(O) = Difference between t PD for any two
pairs of outputs
tSK(b-b) = 0.5 X |(t4 – t3) + (t1 – t2)|
Ln[D-A]/SS[T/R]Xp
Ln[D-A]/SS[T/R]Xn
50%
50%
50%
50%
tP1
tP2
50
50
C[R/T]X[1/2]p
50
50
SEL
Vcc
50%
tSK(O)
tPD = Max(tp1, tp2)
t3
t4
t1
t2
C[R/T]X[1/2]n
C[R/T]X[1/2]p
C[R/T]X[1/2]n
Ln[D-A]/SS[T/R]Xp
Ln[D-A]/SS[T/R]Xn
Ln[x]/SS[x]Xp
Ln[x]/SS[x]Xn
Ln[y]/SS[y]Xp
Ln[y]/SS[y]Xn
8
HD3SS460
SLLSEM7B – JANUARY 2015 – REVISED JUNE 2016
www.ti.com
Product Folder Links: HD3SS460
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Figure 2. Propagation Delay and Skew



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com