Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS90C124IVS/NOPB Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # DS90C124IVS/NOPB
Description  5-MHz to 35-MHz DC-Balanced 24-Bit FPD-Link II Serializer and Deserializer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90C124IVS/NOPB Datasheet(HTML) 23 Page - Texas Instruments

Back Button DS90C124IVS/NOPB Datasheet HTML 19Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 20Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 21Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 22Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 23Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 24Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 25Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 26Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
RIN+
RIN-
0.1 PF
0.1 PF
50:
50:
4.7 nF
DS90C124
100:
0.1 PF
0.1 PF
DS90C241
ROUT0
ROUT1
ROUT2
ROUT3
ROUT4
ROUT5
ROUT6
ROUT7
ROUT8
ROUT9
ROUT10
ROUT11
ROUT12
ROUT13
ROUT14
ROUT15
ROUT16
ROUT17
ROUT18
ROUT19
ROUT20
ROUT21
ROUT22
ROUT23
RCLK
RPWDNB
REN
RRFB
RESRVD
RIN+
RIN-
VDDOR2
VDDOR3
VDDR1
VDDR0
VDDPR1
VDDPR0
RPWDNB = System GPO
REN = High (ON)
RRFB = High (Rising edge)
RESRVD = Low
GPO
3.3V
3.3V
DS90C124 (DES)
C1
C2
C3
C4
C9
C10
R1
C5
C6
VDDIR
VDDOR1
LOCK
C8
C7
3.3V
C1 to C8 = 0.1 PF to 0.01 PF
C9 = 100 nF; 50 WVDC, NPO or X7R
C10 = 100 nF; 50 WVDC, NPO or X7R
R1 = 100:
Serial
LVDS
Interface
LVCMOS
Parallel
Interface
DS90C124, DS90C241
www.ti.com
SNLS209L – NOVEMBER 2005 – REVISED APRIL 2013
Figure 22. DS90C124 Tyical Application Connection
Figure 23. Receiver Termination Option 2
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: DS90C124 DS90C241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com