Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS90C124IVS/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DS90C124IVS/NOPB
Description  5-MHz to 35-MHz DC-Balanced 24-Bit FPD-Link II Serializer and Deserializer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90C124IVS/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button DS90C124IVS/NOPB Datasheet HTML 6Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 7Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 8Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 9Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 10Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 11Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 12Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 13Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
80%
20%
80%
20%
tCLH
Deserializer
8 pF
lumped
Single-ended
Signal
tCHL
DOUT+
DOUT-
24
DIN
RL
TCLK
Ideal Center Position (tBIT/2)
tBIT (1UI)
TxOUT_E_O
Ideal Data Bit
End
Ideal Data Bit
Beginning
tBIT(1/2UI)
tBIT(1/2UI)
23
2
1
0
START
BIT
STOP
BIT
SYMBOL N
23
2
1
0
START
BIT
STOP
BIT
SYMBOL N-1
23
2
1
0
START
BIT
STOP
BIT
SYMBOL N-2
23
2
1
0
START
BIT
STOP
BIT
SYMBOL N-3
23
2
1
0
STOP
BIT
SYMBOL N-4
DOUT0-23
DCA, DCB
TCLK
tSD
DIN
SYMBOL N+1
SYMBOL N
SYMBOL N+2
SYMBOL N+3
DS90C124, DS90C241
SNLS209L – NOVEMBER 2005 – REVISED APRIL 2013
www.ti.com
Figure 8. Serializer Delay
Figure 9. Transmitter Output Eye Opening (TxOUT_E_O)
VOD = (DOUT+) – (DOUT -)
Differential output signal is shown as (DOUT+) – (DOUT -), device in Data Transfer mode.
Figure 10. Serializer VOD Diagram
Figure 11. Deserializer LVCMOS/LVTTL Output Load and Transition Times
10
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: DS90C124 DS90C241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com