Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS90C124IVS/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DS90C124IVS/NOPB
Description  5-MHz to 35-MHz DC-Balanced 24-Bit FPD-Link II Serializer and Deserializer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90C124IVS/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button DS90C124IVS/NOPB Datasheet HTML 3Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 4Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 5Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 6Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 7Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 8Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 9Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 10Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
TCLK
ODD DIN
EVEN DIN
Signal Pattern
Device Pin Name
DS90C124, DS90C241
www.ti.com
SNLS209L – NOVEMBER 2005 – REVISED APRIL 2013
Deserializer Switching Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Pin/Freq.
Min
Typ
Max
Units
tRCP
Receiver out Clock Period
tRCP = tTCP
(1)
RCLK
28.6
200
ns
tRDC
RCLK Duty Cycle
RCLK
45
50
55
%
tCLH
LVCMOS Low-to-High
CL = 8 pF
ROUT [23:0],
2.5
3.5
ns
Transition Time
(lumped load)
LOCK, RCLK
(Figure 11)(1)
tCHL
LVCMOS High-to-Low
2.5
3.5
ns
Transition Time
tROS
ROUT (7:0) Setup Data to RCLK
(Figure 15)
ROUT [7:0]
(0.40)*
(29/56)*tR
ns
(Group 1)
tRCP
CP
tROH
ROUT (7:0) Hold Data to RCLK
(0.40)*
(27/56)*tR
ns
(Group 1)
tRCP
CP
tROS
ROUT (15:8) Setup Data to RCLK
(Figure 15)
ROUT [15:8],
(0.40)*
0.5*tRCP
ns
(Group 2)
LOCK
tRCP
tROH
ROUT (15:8) Hold Data to RCLK
(0.40)*
0.5*tRCP
ns
(Group 2)
tRCP
tROS
ROUT (23:16) Setup Data to
(Figure 15)
ROUT [23:16]
(0.40)*
(27/56)*tR
ns
RCLK (Group 3)
tRCP
CP
tROH
ROUT (23:16) Hold Data to RCLK
(0.40)*
(29/56)*tR
ns
(Group 3)
tRCP
CP
tHZR
HIGH to TRI-STATE Delay
(Figure 13)
ROUT [23:0],
3
10
ns
RCLK, LOCK
tLZR
LOW to TRI-STATE Delay
3
10
ns
tZHR
TRI-STATE to HIGH Delay
3
10
ns
tZLR
TRI-STATE to LOW Delay
3
10
ns
tDD
Deserializer Delay
(Figure 12)
RCLK
[4+(3/56)]
[4+(3/56)]
ns
T +5.9
T +14
tDRDL
Deserializer PLL Lock Time from
(Figure 14) (2) (1)
5 MHz
5
50
ms
Powerdown
35 MHz
5
50
ms
RxIN_TOL Receiver INput TOLerance Left,
(Figure 16)(3) (1) (4)
5 MHz–35 MHz
0.25
UI
_L
RxIN_TOL Receiver INput TOLerance Right,
(Figure 16)(3) (1) (4)
5 MHz–35 MHz
0.25
UI
_R
(1)
Specification is ensured by characterization and is not tested in production.
(2)
The Deserializer PLL lock time (tDRDL) may vary depending on input data patterns and the number of transitions within the pattern.
(3)
RxIN_TOL is a measure of how much phase noise (jitter) the deserializer can tolerate in the incoming data stream before bit errors
occur. It is a measurement in reference with the ideal bit position, please see AN-1217 (SNLA053) for detail.
(4)
UI – Unit Interval, equivalent to one ideal serialized data bit width. The UI scales with frequency.
AC TIMING DIAGRAMS AND TEST CIRCUITS
Figure 1. Serializer Input Checkerboard Pattern
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: DS90C124 DS90C241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com