Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP8422A Datasheet(PDF) 46 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8422A
Description  microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8422A Datasheet(HTML) 46 Page - National Semiconductor (TI)

Back Button DP8422A Datasheet HTML 42Page - National Semiconductor (TI) DP8422A Datasheet HTML 43Page - National Semiconductor (TI) DP8422A Datasheet HTML 44Page - National Semiconductor (TI) DP8422A Datasheet HTML 45Page - National Semiconductor (TI) DP8422A Datasheet HTML 46Page - National Semiconductor (TI) DP8422A Datasheet HTML 47Page - National Semiconductor (TI) DP8422A Datasheet HTML 48Page - National Semiconductor (TI) DP8422A Datasheet HTML 49Page - National Semiconductor (TI) DP8422A Datasheet HTML 50Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 58 page
background image
130 AC Timing Parameters (Continued)
Unless otherwise stated VCC e 50V g10% 0 C k TA k 70 C the output load capacitance is typical for 4 banks of 18 DRAMs
per bank including trace capacitance (Note 2)
Two different loads are specified
CL e 50 pF loads on all outputs except
CL e 150 pF loads on Q0–8 9 10 and WE or
CH e 50 pF loads on all outputs except
CH e 125 pF loads on RAS0–3 and CAS0–3 and
CH e 380 pF loads on Q0–8 9 10 and WE
Common Dual Access
8420A21A22A-20
8420A21A22A-25
Number
Symbol
Parameter Description
CL
CH
CL
CH
Min
Max
Min
Max
Min
Max
Min
Max
100
tHCKARQB
AREQB Negated Held from CLK High
3
3
3
3
101
tSARQBCK
AREQB Asserted Setup to CLK High
8
8
7
7
102
tPAQBRASL
AREQB Asserted to RAS Asserted
43
48
37
41
103
tPAQBRASH
AREQB Negated to RAS Negated
41
46
32
36
105
tPCKRASG
CLK High to RAS Asserted for
55
60
44
48
Pending Port B Access
106
tPAQBATKBL
AREQB Asserted to ATACKB Asserted
57
57
45
45
107
tPCKATKB
CLK High to ATACKB Asserted
67
67
51
51
for Pending Access
108
tPCKGH
CLK High to GRANTB Asserted
40
40
32
32
109
tPCKGL
CLK High to GRANTB Negated
35
35
29
29
110
tSADDCKG
Row Address Setup to CLK High That
Asserts RAS following a GRANTB
11
15
11
16
Change to Ensure tASR e 0 ns for Port B
111
tSLOCKCK
LOCK Asserted Setup to CLK Low
55
55
to Lock Current Port
112
tPAQATKBH
AREQ Negated to ATACKB Negated
26
26
21
21
113
tPAQBCASH
AREQB Negated to CAS Negated
59
67
47
54
114
tSADAQB
Address Valid Setup to
711
7
12
AREQB Asserted
116
tHCKARQG
AREQ Negated Held from CLK High
5
5
5
5
117
tWAQB
AREQB High Pulse Width
31
35
26
31
to Guarantee tASR e 0ns
118a
tPAQBCAS0
AREQB Asserted to CAS Asserted
103
111
87
94
(tRAH e 15 ns tASC e 0 ns)
118b
tPAQBCAS1
AREQB Asserted to CAS Asserted
113
121
97
104
(tRAH e 15 ns tASC e 10 ns)
118c
tPAQBCAS2
AREQB Asserted to CAS Asserted
113
121
97
104
(tRAH e 25 ns tASC e 0 ns)
118d
tPAQBCAS3
AREQB Asserted to CAS Asserted
123
131
107
114
(tRAH e 25 ns tASC e 10 ns)
120a
tPCKCASG0
CLK High to CAS Asserted
for Pending Port B Access
113
121
96
103
(tRAH e 15 ns tASC e 0 ns)
120b
tPCKCASG1
CLK High to CAS Asserted
for Pending Port B Access
123
131
106
113
(tRAH e 15 ns tASC e 10 ns)
120c
tPCKCASG2
CLK High to CAS Asserted
for Pending Port B Access
123
131
106
113
(tRAH e 25 ns tASC e 0 ns)
120d
tPCKCASG3
CLK High to CAS Asserted
for Pending Port B Access
133
141
116
123
(tRAH e 25 ns tASC e 10 ns)
121
tSBADDCKG
Bank Address Valid Setup to CLK
High That Starts RAS
10
10
10
10
for Pending Port B Access
46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com