Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3550 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM3550
Description  5A Flash LED Driver with Automatic VLED and ESR Detection for Mobile Camera Systems
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3550 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM3550 Datasheet HTML 4Page - Texas Instruments LM3550 Datasheet HTML 5Page - Texas Instruments LM3550 Datasheet HTML 6Page - Texas Instruments LM3550 Datasheet HTML 7Page - Texas Instruments LM3550 Datasheet HTML 8Page - Texas Instruments LM3550 Datasheet HTML 9Page - Texas Instruments LM3550 Datasheet HTML 10Page - Texas Instruments LM3550 Datasheet HTML 11Page - Texas Instruments LM3550 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
BRC (#)
220
200
180
160
140
120
100
80
60
40
0
1
2
3
4
5
6
7
TA = +25°C
VIN = 3.6V, VLED = 3.3V
TA = +85°C
TA = -30°C
VIN (V)
66
64
62
60
58
56
54
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
TA = -30°C
TA = +85°C
TA = +25°C
Torch Code = 0, VLED = 3.3V
VIN (V)
100
90
80
70
60
50
40
30
20
10
0
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
VLED = 3.0V
VLED = 3.3V
VLED = 3.6V
ILED = 100 mA
VIN (V)
100
90
80
70
60
50
40
30
20
10
0
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
VLED = 3.0V
VLED = 3.3V
VLED = 3.6V
ILED = 200 mA
VIN (V)
0.50
0.45
0.40
0.35
0.30
0.25
0.20
2.7
3.3
3.8
4.4
4.9
5.5
TA = +85°C
IOUT = 200 mA, 5.0V Fixed Voltage Mode
TA = -30°C
TA = +25°C
VIN (V)
0.50
0.45
0.40
0.35
0.30
0.25
0.20
2.7
3.3
3.8
4.4
4.9
5.5
TA = +85°C
IOUT = 200 mA, 4.5V Fixed Voltage Mode
TA = -30°C and +25°C
LM3550
SNVS569B – MAY 2009 – REVISED MAY 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise specified: TA = 25°C; VIN = 3.6V; CIN = 4. 7 µF, COUT = 2.2 µF, C1 = C2 = 1 µF. Super-Capacitor = 0.5F
TDK EDLC272020-501-2F-50,
Input Current
Input Current
vs.
vs.
Input Voltage
Input Voltage
5.0V Mode
4.5V Mode
Figure 15.
Figure 16.
LED Efficiency
LED Efficiency
vs.
vs.
Input Voltage
Input Voltage
Torch Mode, 100 mA
Torch Mode, 200 mA
Figure 17.
Figure 18.
Torch Current
Torch Current
vs.
vs.
Input Voltage
Brightness Code
Code = 0
Figure 19.
Figure 20.
8
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM3550



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com