Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3550 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LM3550
Description  5A Flash LED Driver with Automatic VLED and ESR Detection for Mobile Camera Systems
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3550 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM3550 Datasheet HTML 13Page - Texas Instruments LM3550 Datasheet HTML 14Page - Texas Instruments LM3550 Datasheet HTML 15Page - Texas Instruments LM3550 Datasheet HTML 16Page - Texas Instruments LM3550 Datasheet HTML 17Page - Texas Instruments LM3550 Datasheet HTML 18Page - Texas Instruments LM3550 Datasheet HTML 19Page - Texas Instruments LM3550 Datasheet HTML 20Page - Texas Instruments LM3550 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
Torch and
Charge (5.0V)
5.0V
3.0V
VCAP = 3.0V VCAP = 5.0V
IOUT > IMAX
T2 bit
6HW WR µ0¶
Flash
200 mA
120 mA
60 mA
VCAP
ITORCH
Time
Time
4.75V
LM3550
www.ti.com
SNVS569B – MAY 2009 – REVISED MAY 2013
NOTE
When the LM3550 is placed into Optimal Charge Mode, the flash LEDs will begin to glow
once the super-capacitor voltage exceeds 3.0V. The LEDs will continue to glow until the
part is placed into shutdown, into the flash state, or into one of the fixed voltage charge
modes.
TORCH AND CHARGE STATE
The Torch and Charge state provides the ability to utilize the torch functionality while charging to the selected
target voltage. The Torch and Charge state is entered by setting the Torch bit and Charge bit to a '1' and by
setting the Flash bit to a '0' in the General Purpose Register. Additionally, the CM1 and CM0 bits can be
configured to define the target charge voltage.
During the initial charging of the super-capacitor, the Torch functionality will not be enabled until the capacitor
voltage reaches 3.0V. Additionally, the Torch current is limited to 60 mA until the target voltage is reached. Once
the output reaches the target, the current level specified in the Current Control Register is allowed.
In the event that the total output current exceeds the capacitor charge current (ICHARGE = IMAX − ITORCH −
IEXTERNAL), causing the super-capacitor to drop below the target voltage, the LM3550 will automatically set the T2
bit in the Current Control Register to a '0', decreasing the torch current.
Figure 47. Torch Current Diagram
FLASH STATE
When entered, the LM3550's Flash state delivers a high-current burst of current to the Flash LEDs. To enter the
Flash state, the Flash bit in the General Purpose Register must be set to a '1' or the STROBE pin must be pulled
high (edge or level sensitive). The flash duration and current level are user adjustable via the I2C interface (F2-
F0 in Current Control and FD3-FD0 in Options).
By default, a flash will not occur if the super-capacitor is not fully charged (i.e., the end-of-charge flag (EOC pin)
must transition low). If the Flash state was entered via the I2C interface (Flash bit = '1'), the LM3550 will
automatically reset the Flash bit and the Torch bit to '0' upon completion of the flash. Additionally, after the flash
event has occurred, the LM3550 will return to the charge state/mode that was in operation before the flash event
with the exception of Optimal Charge Mode. (If Optimal Charge Mode was used before a flash, all charging is
halted after the flash.)
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM3550



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com