Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3550 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LM3550
Description  5A Flash LED Driver with Automatic VLED and ESR Detection for Mobile Camera Systems
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3550 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM3550 Datasheet HTML 10Page - Texas Instruments LM3550 Datasheet HTML 11Page - Texas Instruments LM3550 Datasheet HTML 12Page - Texas Instruments LM3550 Datasheet HTML 13Page - Texas Instruments LM3550 Datasheet HTML 14Page - Texas Instruments LM3550 Datasheet HTML 15Page - Texas Instruments LM3550 Datasheet HTML 16Page - Texas Instruments LM3550 Datasheet HTML 17Page - Texas Instruments LM3550 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
LM3550
SNVS569B – MAY 2009 – REVISED MAY 2013
www.ti.com
CIRCUIT DESCRIPTION
BASIC OPERATION
The LM3550 is a super-capacitor charger and high current-flash controller based upon a switched capacitor
boost converter. On the charging end of the application, the LM3550 has a 534 mA (typ.) input current limit that
prevents the part from drawing an excessive current when the super-capacitor voltage is below the target charge
voltage. During the charge phase the LM3550 will run in current limit and adaptively change gains (1X, 1.5X, 2X)
until the super-capacitor reaches its target charge voltage. Integrated into the LM3550 is an external NFET
controller that allows the flash current drawn from the super-capacitor to remain regulated throughout the flash
cycle. Flash timing and current level can be changed through the I2C-compatible interface.
DETAILED PIN DESCRIPTION
Strobe Pin
The STROBE pin on the LM3550 provides an external method of flash triggering. This allows a direct connection
between a camera/imager and the LM3550 to be made avoiding any latency added due to communication delays
in the micro-controller/micro-processor (µC/µP). The STROBE pin can be configured to be rising-edge sensitive
(default) or level sensitive. In the rising-edge sensitive mode, the flash duration is controlled internally and will
use the value stored in the FLASH duration bits (Options Control Register bits 3:0) to determine the pulse length.
If Level Sensitive Mode is selected (Options Control Register bit 7 = ‘1’), the flash-pulse duration can be
controlled externally. In this mode, when the STROBE pin is high, the flash will remain on as long as the duration
does not exceed the value stored in the FLASH duration control bits. If the timing does exceed the internal flash-
duration value, the LM3550 will automatically disable the flash current.
End of Charge Pin (EOC)
The EOC pin provides an external flag alerting the micro-controller/micro-processor that the super-capacitor has
reached the end of charging. When the super-capacitor has reached the desired end-of-charge level, the EOC
pin will transition from its default state (logic ‘1’) to the EOC state (logic ‘0’). The EOC pin utilizes an open-drain
driver that allows the EOC logic levels to be compatible with many of the common controller input/output (I/O)
levels. Connecting a resistor between the system I/O supply and the EOC pin on the LM3550 ensures the proper
voltage levels are utilized.
The state of the EOC pin can change during a flash event, or any other event whenever the super-capacitor
voltage drops below 95% of the target charge voltage.
ALD/TEMP Pin
The ALD/TEMP pin allows the LM3550 to monitor the ambient light or ambient temperature and adjust the flash
current through the LED/LEDs without requiring the µC/µP to issue commands through the control interface.
For ambient light detection, a reverse-biased photosensor/diode and a resistor are required. For ambient
temperature sensing, a negative temperature coefficient (NTC) thermistor and a resistor are required. Internal to
the LM3550 are two comparators (based on a 1V reference) connected to the ALD/TEMP pin that provide three
user-selectable regions of flash current adjustment. The trip-point thresholds are selectable in the ALD/TEMP
Sense High and Low Registers.
If the ambient light or ambient temperature are sufficiently low (LM3550 in low region) the full-scale flash current
will be allowed. As the lighting conditions or temperature increase, the LM3550 ALD/TEMP detection circuit
transitions to the second level that limits the flash current to 70% or the full-scale value. For conditions where a
flash is not required (Ambient Detection) or if the ambient temperature is too high to flash safely, placing the
ALD/TEMP circuit in the high-detection level, the LM3550 will prevent a flash event from occurring. The
functionality of the ALD/TEMP pin can be enabled or disabled through General Purpose Register (bit 6). These
macro-functions, when enabled, off-load the µC/µP and provide significant system-power savings.
To help filter out the 50 to 60 Hz noise caused by indoor lighting, a 1 µF ceramic capacitor tied between the
ALD/TEMP pin and GND is recommended.
14
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM3550



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com