Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3550 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM3550
Description  5A Flash LED Driver with Automatic VLED and ESR Detection for Mobile Camera Systems
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3550 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM3550 Datasheet HTML 8Page - Texas Instruments LM3550 Datasheet HTML 9Page - Texas Instruments LM3550 Datasheet HTML 10Page - Texas Instruments LM3550 Datasheet HTML 11Page - Texas Instruments LM3550 Datasheet HTML 12Page - Texas Instruments LM3550 Datasheet HTML 13Page - Texas Instruments LM3550 Datasheet HTML 14Page - Texas Instruments LM3550 Datasheet HTML 15Page - Texas Instruments LM3550 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
IFlash = 2.1A
(70% Flash)
TIME (20 ms/div.)
VALS = 500 mV
ICharge
(500 mA/div.)
IIN
(500 mA/div.)
STROBE
IFlash = 0A
(0% Flash)
TIME (20 ms/div.)
VALS = 1V
ICharge
(500 mA/div.)
IIN
(500 mA/div.)
STROBE
IFlash = 3A
TIME (40 ms/div.)
VCAP
2V/div.
ICharge
(500 mA/div.)
IIN
(500 mA/div.)
STROBE
EOCB
IFlash = 3A
(100% Flash)
TIME (20 ms/div.)
VALS = 100 mV
ICharge
(500 mA/div.)
IIN
(500 mA/div.)
STROBE
IFlash = 3A
TIME (20 ms/div.)
VCAP
2V/div.
ICharge
(500 mA/div.)
IIN
(500 mA/div.)
STROBE
EOCB
IFlash = 3A
TIME (40 ms/div.)
VCAP
2V/div.
ICharge
(500 mA/div.)
IIN
(500 mA/div.)
STROBE
EOCB
LM3550
SNVS569B – MAY 2009 – REVISED MAY 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise specified: TA = 25°C; VIN = 3.6V; CIN = 4. 7 µF, COUT = 2.2 µF, C1 = C2 = 1 µF. Super-Capacitor = 0.5F
TDK EDLC272020-501-2F-50,
Level-Sensitive Strobe
Flash with FGATE = 0
Figure 39.
Figure 40.
ALS DETECT
Flash with FGATE = 1
Zone 0, VALS = 100 mV
Figure 41.
Figure 42.
ALS DETECT
ALS DETECT
Zone 1, VALS = 500 mV
Zone 2, VALS = 1V
Figure 43.
Figure 44.
12
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM3550



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com