Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4562MA/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM4562MA/NOPB
Description  LM4562 Dual High-Performance, High-Fidelity Audio Operational Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4562MA/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LM4562MA/NOPB Datasheet HTML 1Page - Texas Instruments LM4562MA/NOPB Datasheet HTML 2Page - Texas Instruments LM4562MA/NOPB Datasheet HTML 3Page - Texas Instruments LM4562MA/NOPB Datasheet HTML 4Page - Texas Instruments LM4562MA/NOPB Datasheet HTML 5Page - Texas Instruments LM4562MA/NOPB Datasheet HTML 6Page - Texas Instruments LM4562MA/NOPB Datasheet HTML 7Page - Texas Instruments LM4562MA/NOPB Datasheet HTML 8Page - Texas Instruments LM4562MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
B
-
+
A
-
+
7
OUTPUT B
8
V
+
6
INVERTING INPUT B
5
NON-INVERTING
INPUT B
NON-INVERTING
INPUT A
3
V
-
4
INVERTING INPUT A
2
OUTPUT A
1
Dual-In-Line Package
8
4
6
2
5
7
3
1
V
+
OUTPUT B
OUTPUT A
INVERTING
INPUT A
V
-
INVERTING
INPUT B
NON-INVERTING
INPUT A
NON-INVERTING
INPUT B
LM4562
SNAS326K – AUGUST 2006 – REVISED DECEMBER 2013
www.ti.com
CONNECTION DIAGRAMS
Figure 1. 8-Lead SOIC (D Package)
Figure 2. 8-Lead TO-99 (LMC Package)
8-Lead PDIP (P Package)
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1) (2) (3)
Power Supply Voltage (VS = V
+ - V-)
36V
Storage Temperature
−65°C to 150°C
Input Voltage
(V-) - 0.7V to (V+) + 0.7V
Output Short Circuit(4)
Continuous
Power Dissipation
Internally Limited
ESD Susceptibility(5)
2000V
ESD Susceptibility(6)
Pins 1, 4, 7 and 8
200V
Pins 2, 3, 5 and 6
100V
Junction Temperature
150°C
Thermal Resistance
θJA (D)
145°C/W
θJA (P)
102°C/W
θJA (LMC)
150°C/W
θJC (LMC)
35°C/W
Temperature Range (TMIN ≤ TA ≤ TMAX)
–40°C
≤ TA ≤ 85°C
Supply Voltage Range
±2.5V
≤ VS ≤ ± 17V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur.
(2)
Operating Ratings indicate conditions for which the device is functional, but do not ensure specific performance limits. For ensured
specifications and test conditions, see the Electrical Characteristics. The ensured specifications apply only for the test conditions listed.
Some performance characteristics may degrade when the device is not operated under the listed test conditions.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(4)
Amplifier output connected to GND, any number of amplifiers within a package.
(5)
Human body model, 100pF discharged through a 1.5k
Ω resistor.
(6)
Machine Model ESD test is covered by specification EIAJ IC-121-1981. A 200pF cap is charged to the specified voltage and then
discharged directly into the IC with no external series resistor (resistance of discharge path must be under 50
Ω).
2
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM4562



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com