Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4562MA/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM4562MA/NOPB
Description  LM4562 Dual High-Performance, High-Fidelity Audio Operational Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4562MA/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM4562MA/NOPB Datasheet HTML 3Page - Texas Instruments LM4562MA/NOPB Datasheet HTML 4Page - Texas Instruments LM4562MA/NOPB Datasheet HTML 5Page - Texas Instruments LM4562MA/NOPB Datasheet HTML 6Page - Texas Instruments LM4562MA/NOPB Datasheet HTML 7Page - Texas Instruments LM4562MA/NOPB Datasheet HTML 8Page - Texas Instruments LM4562MA/NOPB Datasheet HTML 9Page - Texas Instruments LM4562MA/NOPB Datasheet HTML 10Page - Texas Instruments LM4562MA/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
20
100
1k
10k 20k
0.00001
0.0001
0.001
0.01
Hz
0.00002
0.0002
0.002
0.00005
0.0005
0.005
50
200
2k
500
5k
20
100
1k
10k 20k
0.00001
0.0001
0.001
0.01
Hz
0.00002
0.0002
0.002
0.00005
0.0005
0.005
50
200
2k
500
5k
20
100
1k
10k 20k
0.00001
0.0001
0.001
0.01
Hz
0.00002
0.0002
0.002
0.00005
0.0005
0.005
50
200
2k
500
5k
20
100
1k
10k 20k
0.00001
0.0001
0.001
0.01
Hz
0.00002
0.0002
0.002
0.00005
0.0005
0.005
50
200
2k
500
5k
20
100
1k
10k 20k
0.00001
0.0001
0.001
0.01
Hz
0.00002
0.0002
0.002
0.00005
0.0005
0.005
50
200
2k
500
5k
20
100
1k
10k 20k
0.00001
0.0001
0.001
0.01
Hz
0.00002
0.0002
0.002
0.00005
0.0005
0.005
50
200
2k
500
5k
LM4562
www.ti.com
SNAS326K – AUGUST 2006 – REVISED DECEMBER 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
THD+N vs Frequency
THD+N vs Frequency
VCC = 15V, VEE = –15V, VOUT = 3VRMS
VCC = 12V, VEE = –12V, VOUT = 3VRMS
RL = 2kΩ
RL = 2kΩ
Figure 15.
Figure 16.
THD+N vs Frequency
THD+N vs Frequency
VCC = 17V, VEE = –17V, VOUT = 3VRMS
VCC = 15V, VEE = –15V, VOUT = 3VRMS
RL = 2kΩ
RL = 600Ω
Figure 17.
Figure 18.
THD+N vs Frequency
THD+N vs Frequency
VCC = 12V, VEE = –12V, VOUT = 3VRMS
VCC = 17V, VEE = –17V, VOUT = 3VRMS
RL = 600Ω
RL = 600Ω
Figure 19.
Figure 20.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM4562



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com