Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4562MA/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM4562MA/NOPB
Description  LM4562 Dual High-Performance, High-Fidelity Audio Operational Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4562MA/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM4562MA/NOPB Datasheet HTML 1Page - Texas Instruments LM4562MA/NOPB Datasheet HTML 2Page - Texas Instruments LM4562MA/NOPB Datasheet HTML 3Page - Texas Instruments LM4562MA/NOPB Datasheet HTML 4Page - Texas Instruments LM4562MA/NOPB Datasheet HTML 5Page - Texas Instruments LM4562MA/NOPB Datasheet HTML 6Page - Texas Instruments LM4562MA/NOPB Datasheet HTML 7Page - Texas Instruments LM4562MA/NOPB Datasheet HTML 8Page - Texas Instruments LM4562MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
LM4562
SNAS326K – AUGUST 2006 – REVISED DECEMBER 2013
www.ti.com
ELECTRICAL CHARACTERISTICS FOR THE LM4562
(1)(2) (continued)
The specifications apply for VS = ±15V, RL = 2kΩ, fIN = 1kHz, TA = 25°C, unless otherwise specified.
LM4562
Units
Symbol
Parameter
Conditions
(Limits)
Typical(3)
Limit(4)
CLOAD
Capacitive Load Drive Overshoot
100pF
16
%
IS
Total Quiescent Current
IOUT = 0mA
10
12
mA (max)
4
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM4562



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com