Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4562MA/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM4562MA/NOPB
Description  LM4562 Dual High-Performance, High-Fidelity Audio Operational Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4562MA/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM4562MA/NOPB Datasheet HTML 1Page - Texas Instruments LM4562MA/NOPB Datasheet HTML 2Page - Texas Instruments LM4562MA/NOPB Datasheet HTML 3Page - Texas Instruments LM4562MA/NOPB Datasheet HTML 4Page - Texas Instruments LM4562MA/NOPB Datasheet HTML 5Page - Texas Instruments LM4562MA/NOPB Datasheet HTML 6Page - Texas Instruments LM4562MA/NOPB Datasheet HTML 7Page - Texas Instruments LM4562MA/NOPB Datasheet HTML 8Page - Texas Instruments LM4562MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
-
+
LM4562
-
+
LM4562
-
+
LM4562
-
+
LM4562
10 pF
+
+
INPUT
OUTPUT
47 k:
3320:
150:
909:
26.1 k:
3.83 k:
100:
150:
22 nF//4.7 nF//500 pF
3320:
47 nF//33 nF
LM4562
www.ti.com
SNAS326K – AUGUST 2006 – REVISED DECEMBER 2013
LM4562 Dual High-Performance, High-Fidelity Audio Operational Amplifier
Check for Samples: LM4562
1
FEATURES
DESCRIPTION
The LM4562 is part of the ultra-low distortion, low-
2
•
Easily Drives 600
Ω Loads
noise, high-slew-rate operational amplifier series
•
Optimized for Superior Audio Signal Fidelity
optimized and fully specified for high-performance,
•
Output Short Circuit Protection
high-fidelity
applications.
The
LM4562
audio
operational amplifiers deliver superior audio signal
•
PSRR and CMRR Exceed 120dB (Typ)
amplification for outstanding audio performance. The
•
SOIC, PDIP, and TO-99 Packages
LM4562
combines
extremely
low
voltage
noise
density (2.7nV/
√Hz) with vanishingly low THD+N
APPLICATIONS
(0.00003%) to easily satisfy the most demanding
audio
applications.
To
ensure
that
the
most
•
Ultra High-Quality Audio Amplification
challenging loads are driven without compromise, the
•
High-Fidelity Preamplifiers
LM4562 has a high slew rate of ±20V/
μs and an
•
High-Performance Professional Audio
output current capability of ±26mA. Further, dynamic
range is maximized by an output stage that drives
•
High-Fidelity Active Equalization and
2k
Ω loads to within 1V of either power supply voltage
Crossover Networks
and to within 1.4V when driving 600
Ω loads.
•
High-Performance Line Drivers and Receivers
The LM4562's outstanding CMRR (120dB), PSRR
(120dB), and VOS (0.1mV) give the amplifier excellent
KEY SPECIFICATIONS
operational amplifier DC performance.
•
Power Supply Voltage Range: ±2.5V to ± 17V
The LM4562 has a wide supply range of ±2.5V to
•
THD+N (AV = 1, VOUT = 3VRMS, fIN = 1kHz)
±17V. Over this supply range the LM4562’s input
–
RL = 2kΩ: 0.00003% (typ)
circuitry
maintains
excellent
common-mode
and
–
RL = 600Ω: 0.00003% (typ)
power supply rejection, as well as maintaining its low
input bias current. The LM4562 is unity gain stable.
•
Input Noise Density: 2.7nV/
√Hz (typ)
This
Audio
Operational
Amplifier
achieves
•
Slew Rate: ±20V/
μs (typ)
outstanding AC performance while driving complex
•
Gain Bandwidth Product: 55MHz (typ)
loads with values as high as 100pF.
•
Open Loop Gain (RL = 600Ω): 140dB (typ)
The LM4562 is available in an 8-lead narrow body
•
Input Bias Current: 10nA (typ)
SOIC, an 8-lead PDIP, and an 8-lead TO-99.
•
Input Offset Voltage: 0.1mV (typ)
•
DC Gain Linearity Error: 0.000009%
TYPICAL APPLICATION
A.
1% metal film resistors, 5% polypropylene capacitors
Passively Equalized RIAA Phono Preamplifier
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM4562MA/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4562MA NSC-LM4562MA Datasheet
2Mb / 33P
Dual High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LM4562MANOPB TI1-LM4562MANOPB Datasheet
1Mb / 42P
Dual High-Performance, High-Fidelity Audio Operational Amplifier
LM4562MAXNOPB TI1-LM4562MAXNOPB Datasheet
1Mb / 42P
Dual High-Performance, High-Fidelity Audio Operational Amplifier
More results

Similar Description - LM4562MA/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4562 NSC-LM4562 Datasheet
2Mb / 33P
Dual High Performance, High Fidelity Audio Operational Amplifier
LME49710 NSC-LME49710_07 Datasheet
815Kb / 28P
High Performance, High Fidelity Audio Operational Amplifier
LME49725 NSC-LME49725 Datasheet
1Mb / 24P
PowerWise Dual High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49720 TI-LME49720 Datasheet
1Mb / 36P
LME49720 Dual High Performance, High Fidelity Audio Operational Amplifier
LM4562NA TI-LM4562NA Datasheet
1Mb / 41P
LM4562 Dual High-Performance, High-Fidelity Audio Operational Amplifier
LM4562 TI1-LM4562_14 Datasheet
1Mb / 42P
Dual High-Performance, High-Fidelity Audio Operational Amplifier
LME49720 TI1-LME49720_14 Datasheet
1Mb / 40P
Dual High Performance, High Fidelity Audio Operational Amplifier
LME49860 TI1-LME49860_14 Datasheet
1Mb / 40P
44V Dual High Performance, High Fidelity Audio Operational Amplifier
LME49710 TI1-LME49710 Datasheet
1Mb / 34P
High-Performance, High-Fidelity Audio Operational Amplifier
LME49722 TI1-LME49722 Datasheet
195Kb / 13P
High Performance, High Fidelity Dual Audio Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com