Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM640 Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM640
Description  Video/Imaging Fixed-Point Digital Signal Processors
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM640 Datasheet(HTML) 45 Page - Texas Instruments

Back Button TMS320DM640 Datasheet HTML 41Page - Texas Instruments TMS320DM640 Datasheet HTML 42Page - Texas Instruments TMS320DM640 Datasheet HTML 43Page - Texas Instruments TMS320DM640 Datasheet HTML 44Page - Texas Instruments TMS320DM640 Datasheet HTML 45Page - Texas Instruments TMS320DM640 Datasheet HTML 46Page - Texas Instruments TMS320DM640 Datasheet HTML 47Page - Texas Instruments TMS320DM640 Datasheet HTML 48Page - Texas Instruments TMS320DM640 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 171 page
background image
Pin Assignments
45
June 2003 − Revised August 2004
SPRS222C
Table 1−6. Terminal Functions (Continued)
SIGNAL
DESCRIPTION
IPD/
IPU‡
TYPE†
NAME
DESCRIPTION
IPD/
IPU‡
TYPE†
DM640
DM641
HOST-PORT INTERFACE (HPI) [DM641 ONLY] (CONTINUED)
HD15
T3
—
HD14
U1
—
HD13
U3
—
HD12
U2
—
HD11
U4
—
HD10
V1
—
Host-port data (I/O/Z) [DM641 Only]
HD9
V3
—
Host-port data (I/O/Z) [DM641 Only]
As HPI data bus
HD8
V2
—
I/O/Z
As HPI data bus
• Used for transfer of data, address, and control
HD7
W2
—
I/O/Z
• Used for transfer of data, address, and control
HD6
W4
—
For proper DM641 device operation, the HD5 pin at device reset must be
pulldown via a 10-k
resistor.
HD5
Y1
—
For proper DM641 device operation, the HD5 pin at device reset must be
pulldown via a 10-k
Ω resistor.
HD4
W3
—
HD3
Y2
—
HD2
Y4
—
HD1
AA1
—
HD0
Y3
—
EMIFA (32-BIT) − CONTROL SIGNALS COMMON TO ALL TYPES OF MEMORY
ACE3
L26
L26
O/Z
IPU
EMIFA memory space enables
ACE2
K23
K23
O/Z
IPU
EMIFA memory space enables
• Enabled by bits 28 through 31 of the word address
ACE1
K24
K24
O/Z
IPU
• Enabled by bits 28 through 31 of the word address
• Only one pin is asserted during any external data access
ACE0
K25
K25
O/Z
IPU
• Only one pin is asserted during any external data access
ABE3
M25
M25
O/Z
IPU
EMIFA byte-enable control
Decoded from the low-order address bits. The number of address bits
ABE2
M26
M26
O/Z
IPU
EMIFA byte-enable control
• Decoded from the low-order address bits. The number of address bits
or byte enables used depends on the width of external memory.
ABE1
L23
L23
O/Z
IPU
or byte enables used depends on the width of external memory.
• Byte-write enables for most types of memory
• Can be directly connected to SDRAM read and write mask
ABE0
L24
L24
O/Z
IPU
• Can be directly connected to SDRAM read and write mask
signal (SDQM)
APDT
M22
M22
O/Z
IPU
EMIFA peripheral data transfer, allows direct transfer between external
peripherals
† I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground
‡ IPD = Internal pulldown, IPU = Internal pullup. (These IPD/IPU signal pins feature a 30-kΩ IPD or IPU resistor. To pull up a signal to the opposite
supply rail, a 1-k
Ω resistor should be used.)
§ These pins are multiplexed pins. For more details, see the Device Configurations section of this data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com