Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM640 Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM640
Description  Video/Imaging Fixed-Point Digital Signal Processors
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM640 Datasheet(HTML) 47 Page - Texas Instruments

Back Button TMS320DM640 Datasheet HTML 43Page - Texas Instruments TMS320DM640 Datasheet HTML 44Page - Texas Instruments TMS320DM640 Datasheet HTML 45Page - Texas Instruments TMS320DM640 Datasheet HTML 46Page - Texas Instruments TMS320DM640 Datasheet HTML 47Page - Texas Instruments TMS320DM640 Datasheet HTML 48Page - Texas Instruments TMS320DM640 Datasheet HTML 49Page - Texas Instruments TMS320DM640 Datasheet HTML 50Page - Texas Instruments TMS320DM640 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 171 page
background image
Pin Assignments
47
June 2003 − Revised August 2004
SPRS222C
Table 1−6. Terminal Functions (Continued)
SIGNAL
DESCRIPTION
IPD/
IPU‡
TYPE†
NAME
DESCRIPTION
IPD/
IPU‡
TYPE†
DM640
DM641
EMIFA (32-BIT) − ADDRESS
AEA22
U23
U23
EMIFA external address (doubleword address)
AEA21
V24
V24
EMIFA external address (doubleword address)
EMIFA address numbering for the DM641/DM640 devices start with AEA3 to
AEA20
V25
V25
EMIFA address numbering for the DM641/DM640 devices start with AEA3 to
maintain signal name compatibility with other C64x
 devices (e.g., C6414,
AEA19
V26
V26
maintain signal name compatibility with other C64x
devices (e.g., C6414,
C6415, and C6416) [see the 32-bit EMIF addressing scheme in the
TMS320C6000 DSP External Memory Interface (EMIF) Reference Guide
AEA18
V23
V23
TMS320C6000 DSP External Memory Interface (EMIF) Reference Guide
(literature number SPRU266)].
AEA17
U24
U24
(literature number SPRU266)].
Boot Configuration:
AEA16
U25
U25
Boot Configuration:
Controls initialization of DSP modes at reset (I) via pullup/pulldown
AEA15
U26
U26
• Controls initialization of DSP modes at reset (I) via pullup/pulldown
resistors
AEA14
T24
T24
resistors
− Boot mode (AEA[22:21]):
00 –
No boot (default mode)
AEA13
T25
T25
O/Z
IPD
− Boot mode (AEA[22:21]):
00 –
No boot (default mode)
01 − HPI [DM641 only]; Reserved [For DM640 device]
AEA12
R23
R23
O/Z
IPD
01 − HPI [DM641 only]; Reserved [For DM640 device]
10 − Reserved
AEA11
R24
R24
10 − Reserved
11 − EMIFA boot
AEA10
P23
P23
11 − EMIFA boot
− EMIF clock select
AEA9
P24
P24
− EMIF clock select
AEA8
P26
P26
− AEA[20:19]: Clock mode select for EMIFA (AECLKIN_SEL[1:0])
00 –
AECLKIN (default mode)
AEA7
N23
N23
− AEA[20:19]: Clock mode select for EMIFA (AECLKIN_SEL[1:0])
00 –
AECLKIN (default mode)
01 − CPU/4 Clock Rate
AEA6
N24
N24
01 − CPU/4 Clock Rate
10 − CPU/6 Clock Rate
AEA5
N26
N26
10 − CPU/6 Clock Rate
11 − Reserved
AEA4
M23
M23
11 − Reserved
For more details, see the Device Configurations section of this data sheet.
AEA3
M24
M24
For more details, see the Device Configurations section of this data sheet.
EMIFA (32-BIT) − DATA
AED31
C26
C26
AED30
C25
C25
AED29
D26
D26
AED28
D25
D25
AED27
E24
E24
AED26
E25
E25
AED25
F24
F24
AED24
F25
F25
AED23
F23
F23
I/O/Z
IPU
EMIFA external data
AED22
F26
F26
I/O/Z
IPU
EMIFA external data
AED21
G24
G24
AED20
G25
G25
AED19
G23
G23
AED18
G26
G26
AED17
H23
H23
AED16
H24
H24
AED15
C19
C19
AED14
D19
D19
† I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground
‡ IPD = Internal pulldown, IPU = Internal pullup. (These IPD/IPU signal pins feature a 30-kΩ IPD or IPU resistor. To pull up a signal to the opposite
supply rail, a 1-k
Ω resistor should be used.)
§ These pins are multiplexed pins. For more details, see the Device Configurations section of this data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com