Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM640 Datasheet(PDF) 106 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM640
Description  Video/Imaging Fixed-Point Digital Signal Processors
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM640 Datasheet(HTML) 106 Page - Texas Instruments

Back Button TMS320DM640 Datasheet HTML 102Page - Texas Instruments TMS320DM640 Datasheet HTML 103Page - Texas Instruments TMS320DM640 Datasheet HTML 104Page - Texas Instruments TMS320DM640 Datasheet HTML 105Page - Texas Instruments TMS320DM640 Datasheet HTML 106Page - Texas Instruments TMS320DM640 Datasheet HTML 107Page - Texas Instruments TMS320DM640 Datasheet HTML 108Page - Texas Instruments TMS320DM640 Datasheet HTML 109Page - Texas Instruments TMS320DM640 Datasheet HTML 110Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 171 page
background image
External Memory Interface (EMIIF)
106
June 2003 − Revised August 2004
SPRS222C
4.8.3
EMIF Electrical Data/Timing
4.8.3.1
Asynchronous Memory Timing
Table 4−22. Timing Requirements for Asynchronous Memory Cycles for EMIFA Module†‡
(see Figure 4−17 and Figure 4−18)
NO.
−400
−500
−600
UNIT
MIN
MAX
3
tsu(EDV-AREH)
Setup time, AEDx valid before AARE high
6.5
ns
4
th(AREH-EDV)
Hold time, AEDx valid after AARE high
1
ns
6
tsu(ARDY-EKO1H)
Setup time, AARDY valid before AECLKOUTx high
3
ns
7
th(EKO1H-ARDY)
Hold time, AARDY valid after AECLKOUTx high
2
ns
† To ensure data setup time, simply program the strobe width wide enough. AARDY is internally synchronized. The AARDY signal is only
recognized two cycles before the end of the programmed strobe time and while AARDY is low, the strobe time is extended cycle-by-cycle. When
AARDY is recognized low, the end of the strobe time is two cycles after AARDY is recognized high. To use AARDY as an asynchronous input,
the pulse width of the AARDY signal should be wide enough (e.g., pulse width = 2E) to ensure setup and hold time is met.
‡ RS = Read setup, RST = Read strobe, RH = Read hold, WS = Write setup, WST = Write strobe, WH = Write hold. These parameters are
programmed via the EMIF CE space control registers.
Table 4−23. Switching Characteristics Over Recommended Operating Conditions for Asynchronous
Memory Cycles for EMIFA Module‡§¶ (see Figure 4−17 and Figure 4−18)
NO.
PARAMETER
−400
−500
−600
UNIT
MIN
MAX
1
tosu(SELV-AREL)
Output setup time, select signals valid to AARE low
RS * E − 1.5
ns
2
toh(AREH-SELIV)
Output hold time, AARE high to select signals invalid
RH * E − 1.9
ns
5
td(EKO1H-AREV)
Delay time, AECLKOUTx high to AARE valid
1
7
ns
8
tosu(SELV-AWEL)
Output setup time, select signals valid to AAWE low
WS * E − 1.7
ns
9
toh(AWEH-SELIV)
Output hold time, AAWE high to select signals invalid
WH * E − 2.5
ns
10
td(EKO1H-AWEV)
Delay time, AECLKOUTx high to AAWE valid
1.3
7.1
ns
‡ RS = Read setup, RST = Read strobe, RH = Read hold, WS = Write setup, WST = Write strobe, WH = Write hold. These parameters are
programmed via the EMIF CE space control registers.
§ E = AECLKOUT1 period in ns for EMIFA
¶ Select signals for EMIFA include: ACEx, ABE[3:0], AEA[22:3], AAOE; and for EMIFA writes, include AED[31:0].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com